Electronic Components Datasheet Search
  English  ▼

X  

LTC2616 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2616
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2616 Datasheet(HTML) 2 Page - Linear Technology

  LTC2616 Datasheet HTML 1Page - Linear Technology LTC2616 Datasheet HTML 2Page - Linear Technology LTC2616 Datasheet HTML 3Page - Linear Technology LTC2616 Datasheet HTML 4Page - Linear Technology LTC2616 Datasheet HTML 5Page - Linear Technology LTC2616 Datasheet HTML 6Page - Linear Technology LTC2616 Datasheet HTML 7Page - Linear Technology LTC2616 Datasheet HTML 8Page - Linear Technology LTC2616 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2753
2
2753f
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
RCOM
RIN
S2
IOUT2A
GND
D11
D10
D9
D8
D7
D6
D5
UPD
READ
D/S
S0
IOUT2B
GND
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
49
LTC2753-12 UK PACKAGE
48-LEAD (7mm × 7mm) PLASTIC QFN
TJMAX = 125°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
RCOM
RIN
S2
IOUT2A
GND
D13
D12
D11
D10
D9
D8
D7
UPD
READ
D/S
S0
IOUT2B
GND
NC
NC
NC
NC
D0
D1
LTC2753-14 UK PACKAGE
48-LEAD (7mm × 7mm) PLASTIC QFN
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
49
TJMAX = 125°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
RCOM
RIN
S2
IOUT2A
GND
D15
D14
D13
D12
D11
D10
D9
UPD
READ
D/S
S0
IOUT2B
GND
NC
NC
D0
D1
D2
D3
LTC2753-16 UK PACKAGE
48-LEAD (7mm × 7mm) PLASTIC QFN
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
49
TJMAX = 125°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
IOUT1X, IOUT2X, RCOM to GND .................................±0.3V
RVOSX, RFBX, ROFSX, RIN, REFX to GND ...................±15V
VDD to GND.................................................. –0.3V to 7V
Digital Inputs and Digital I/O
to GND ..........................–0.3V to VDD+0.3V (max 7V)
(Notes 1, 2)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2753CUK-12#PBF
LTC2753CUK-12#TRPBF
LTC2753UK-12
48-Lead (7mm × 7mm) Plastic QFN
0°C to 70°C
LTC2753IUK-12#PBF
LTC2753IUK-12#TRPBF
LTC2753UK-12
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 85°C
LTC2753CUK-14#PBF
LTC2753CUK-14#TRPBF
LTC2753UK-14
48-Lead (7mm × 7mm) Plastic QFN
0°C to 70°C
LTC2753IUK-14#PBF
LTC2753IUK-14#TRPBF
LTC2753UK-14
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 85°C
LTC2753BCUK-16#PBF
LTC2753BCUK-16#TRPBF
LTC2753UK-16
48-Lead (7mm × 7mm) Plastic QFN
0°C to 70°C
LTC2753BIUK-16#PBF
LTC2753BIUK-16#TRPBF
LTC2753UK-16
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 85°C
LTC2753ACUK-16#PBF
LTC2753ACUK-16#TRPBF
LTC2753UK-16
48-Lead (7mm × 7mm) Plastic QFN
0°C to 70°C
LTC2753AIUK-16#PBF
LTC2753AIUK-16#TRPBF
LTC2753UK-16
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LTC2753C..................................................... 0°C to 70°C
LTC2753I.................................................. –40°C to 85°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com