Electronic Components Datasheet Search
  English  ▼

X  

LT6233 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6233
Description  1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6233 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6233 Datasheet HTML 5Page - Linear Technology LT6233 Datasheet HTML 6Page - Linear Technology LT6233 Datasheet HTML 7Page - Linear Technology LT6233 Datasheet HTML 8Page - Linear Technology LT6233 Datasheet HTML 9Page - Linear Technology LT6233 Datasheet HTML 10Page - Linear Technology LT6233 Datasheet HTML 11Page - Linear Technology LT6233 Datasheet HTML 12Page - Linear Technology LT6233 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6401-20
9
640120f
BLOCK DIAGRAM
PIN FUNCTIONS
V+ (Pins 1, 3, 10): Positive Power Supply (Normally tied
to 3V or 3.3V). All three pins must be tied to the same
voltage. Bypass each pin with 1000pF and 0.1μF capaci-
tors as close to the pins as possible.
VOCM (Pin 2): This pin sets the output common mode
voltage. A 0.1μF external bypass capacitor is recom-
mended.
V– (Pins 4, 9, 12, 17):
Negative Power Supply. All four
pins must be connected to the same voltage/ground.
–OUT, +OUT (Pins 5, 8): Unfiltered Outputs. These pins
have 12.5Ω series resistors.
–OUTF,+OUTF(Pins6,7):FilteredOutputs.Thesepinshave
50Ω series resistors and a 1.7pF shunt capacitance.
⎯E⎯N⎯A⎯B⎯L⎯E (Pin 11): This pin is a logic input referenced to
V–. If low, the part is enabled. If high, the part is disabled
and draws approximately 1mA supply current.
+IN (Pins 13, 14): Positive Input. Pins 13 and 14 are
internally shorted together.
–IN (Pins 15, 16): Negative Input. Pins 15 and 16 are
internally shorted together.
Exposed Pad (Pin 17): V–. The Exposed Pad must be con-
nected to the same voltage/ground as pins 4, 9, 12.
13
640120 BD
1
V+
2
VOCM
14
7
15
+OUT
+OUTF
–OUTF
–OUT
+IN
IN+
OUT–
IN–
OUT+
+IN
–IN
–IN
5
16
RG
100
Ω
ROUT
12.5
Ω
RF
1000
Ω
RG
100
Ω
2k
RF
1000
Ω
6
4
V–
3
V+
12
V–
11
ENABLE
9
V–
10
V+
COMMON
MODE CONTROL
BIAS CONTROL
8
ROUT
12.5
Ω
RFILT
50
Ω
RFILT
50
Ω
CFILT
1.7pF
5.3pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com