Electronic Components Datasheet Search
  English  ▼

X  

SC2443 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2443
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2443 Datasheet HTML 1Page - Semtech Corporation SC2443 Datasheet HTML 2Page - Semtech Corporation SC2443 Datasheet HTML 3Page - Semtech Corporation SC2443 Datasheet HTML 4Page - Semtech Corporation SC2443 Datasheet HTML 5Page - Semtech Corporation SC2443 Datasheet HTML 6Page - Semtech Corporation SC2443 Datasheet HTML 7Page - Semtech Corporation SC2443 Datasheet HTML 8Page - Semtech Corporation SC2443 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual-Phase Single or Two Output
Synchronous Step-Down Controller
SC2443
POWER MANAGEMENT
July 09 2007

Typical Application Circuit
Features
u
Wide input voltage range: 4.7V to 6V
u
0.5V feedback voltage for low-voltage outputs
u
Programmable frequency up to  MHz per phase
u
2-Phase synchronous continuous conduction mode for
high efficiency step-down converters
u
Out-of-phase operation for low input current ripples
u
Output source and sink currents
u
Fixed frequency peak current-mode control
u
75mV/-0mV maximum current sense voltage
u
Inductor DCR current-sensing for low-cost applications
u
Dual outputs or 2-phase single output operation
u
Excellent current sharing between individual phases
u
Individual soft-start, overload shutdown and enable
u
External reference input for DDR applications
u
External synchronization
u
Industrial temperature range
u
4mm X 4mm Xmm 24-lead MLPQ package
Description
The SC2443 is a high-frequency dual synchronous step-down
switching power supply controller. It provides out-of-phase
high-current output gate drives to all N-channel MOSFET power
stages. The SC2443 operates in synchronous continuous-con-
duction mode. Both phases are capable of maintaining regula-
tion with sourcing or sinking load currents, making the SC2443
suitable for generating both VDDQ and the tracking VTT for
DDR applications.
The SC2443 employs fixed frequency peak current-mode con-
trol for the ease of frequency compensation and fast transient
response.
The dual-phase step-down controllers of the SC2443 can be
used to produce two individually controlled and regulated out-
puts or a single output with shared current in each phase. The
Step-down controllers operate from an input of at least 4.7V
and are capable of regulating outputs as low as 0.5V
Individual soft-start and overload shutdown timer is included
in each step-down controller. The SC2443 implements hiccup
overload protection. In single output current share configura-
tion, the master timer controls the soft-start and overload shut-
down functions of both controllers.
Applications
u
Telecommunication power supplies
u
DDR memory power supplies
u
Graphic power supplies
u
Servers and base stations
VOUT1
IN2-
VP1
VIN
VIN
VOUT1
IN2-
VP1
VIN
IN1-
U1
SC2443
1
2
3
4
5
6
13
14
15
16
17
18
IN1-
COMP1
SYNC
AGND
REF
REFIN
BST2
GDH2
GDL2
PGND
PVCC
GDL1
IN1-
VOUT2
VIN
VP1
IN1-
VP1
VIN
VIN
VIN
U1
SC2443
1
2
3
4
5
6
13
14
15
16
17
18
IN1-
COMP1
SYNC
AGND
REF
REFIN
BST2
GDH2
GDL2
PGND
PVCC
GDL1
VOUT1
VIN
IN1-
VOUT1
Dual Independent Outputs
Single Output With Current Sharing


Similar Part No. - SC2443

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443EVB SEMTECH-SC2443EVB Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443MLTRT SEMTECH-SC2443MLTRT Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results

Similar Description - SC2443

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
Two-Phase Synchronous Step-Down Switching Controller
logo
Semtech Corporation
SC2446 SEMTECH-SC2446 Datasheet
803Kb / 38P
Dual-Phase Single or Two Output Synchronous Step-Down Controllers
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
LM2642 Two-Phase Synchronous Step-Down Switching Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
Two-Phase Synchronous Step-Down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com