Electronic Components Datasheet Search
  English  ▼

X  

100113 Datasheet(PDF) 1 Page - APEM

Part # 100113
Description  Microswitch Joystick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

100113 Datasheet(HTML) 1 Page - APEM

  100113 Datasheet HTML 1Page - APEM 100113 Datasheet HTML 2Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APEM Data Sheet- Microswitch Joystick – Stock No. 989-5744 APEM 1000 Series Part number 100113
The Farnell switch joystick is the ideal choice for single
step switching applications where a compact robust
joystick is required. Supplied with a comfortable knob
and improved construction the joystick is designed for
sub panel mounting via the use of the 4 x M2.5 screws
supplied.
The operating mode of the joystick is defined by the
use of the supplied limiter plates. Selection of the
required limiter will enable single axis, dual axes, cross
or diagonal operation.
The Joystick is supplied with the industry standard V4
microswitches , configured with changeover contacts
carrying a nominal 10A/250V AV rating. All switches
have gold flashed contacts to ensure reliable switching
at very low current levels.


Similar Part No. - 100113

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1001130000 WEIDMULLER-1001130000 Datasheet
78Kb / 3P
BLDF 5.08/02/180LH SN BK BX
1001130000 WEIDMULLER-1001130000 Datasheet
78Kb / 3P
BLDF 5.08/03/180LH SN BK BX
logo
Molex Electronics Ltd.
1001130001 MOLEX1-1001130001 Datasheet
46Kb / 1P
zSFP 1-by-2 Light Pipe Cover Assembly, Low Profile, Single Exit, Centered
1001130210 MOLEX1-1001130210 Datasheet
51Kb / 1P
zSFP 1-by-2 Ganged Cage Assembly, Closed Top, Generation 2 Under Belly Gasket
1001130220 MOLEX1-1001130220 Datasheet
51Kb / 1P
zSFP 1-by-2 Ganged Cage Assembly, Closed Top, Generation 2 Under Belly gasket
More results

Similar Description - 100113

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1478603-1 MACOM-1478603-1 Datasheet
142Kb / 2P
Miniature Microswitch Introduction
logo
GREATECS
JPN10K GREATECS-JPN10K Datasheet
369Kb / 3P
Joystick Potentiometer
logo
List of Unclassifed Man...
M141T02-AC0303D ETC2-M141T02-AC0303D Datasheet
255Kb / 2P
Microswitch SPDT, Lever
M141T02-AC0300D ETC2-M141T02-AC0300D Datasheet
260Kb / 2P
Microswitch SPDT, Button
logo
Grayhill, Inc
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
Hall Effect Joystick
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
Hall Effect Joystick
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
JOYSTICK ENCODER
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
JOYSTICK ENCODER
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
Thumb Joystick
3/22/2017
COM-12747 SPARKFUN-COM-12747 Datasheet
79Kb / 1P
Mini Microswitch Mount - C (pair)
8????7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com