Electronic Components Datasheet Search
  English  ▼

X  

LTC690 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC690
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC690 Datasheet HTML 8Page - Linear Technology LTC690 Datasheet HTML 9Page - Linear Technology LTC690 Datasheet HTML 10Page - Linear Technology LTC690 Datasheet HTML 11Page - Linear Technology LTC690 Datasheet HTML 12Page - Linear Technology LTC690 Datasheet HTML 13Page - Linear Technology LTC690 Datasheet HTML 14Page - Linear Technology LTC690 Datasheet HTML 15Page - Linear Technology LTC690 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC2917/LTC2918
16
29178f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0907 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC690
5V Supply Monitor, Watchdog Timer and Battery Backup
4.65V Threshold
LTC694-3.3
3.3V Supply Monitor, Watchdog Timer and Battery Backup
2.9V Threshold
LTC1232
5V Supply Monitor, Watchdog Timer and Push-Button Reset
4.37V/4.62V Threshold
LTC1326
Micro Power Precision Triple Supply Monitor
4.725V, 3.118V, 1V Threshold (±0.75%)
LTC1536
Precision Triple Supply Monitor for PCI Applications
Meets PCI tFALL Timing Specifications
LTC1726
Micro Power Triple Supply Monitor for 2.5V/5V, 3.3V and ADJ Adjustable ⎯R⎯E⎯S⎯E⎯T and Watchdog Time-Outs
LTC1727
Micro Power Triple Supply Monitor with Open-Drain Reset
Individual Monitor Outputs in MSOP
LTC1728
Micro Power Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC2900
Programmable Quad Supply Monitor
Adjustable ⎯R⎯E⎯S⎯E⎯T, 10-Lead MSOP and 3mm × 3mm 10-Lead DFN
LTC2901
Programmable Quad Supply Monitor
Adjustable ⎯R⎯E⎯S⎯E⎯T and Watchdog Timer, 16-Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Adjustable ⎯R⎯E⎯S⎯E⎯T and Tolerance, 16-Lead SSOP Package, Margining
LTC2903
Precision Quad Supply Monitor
6-Lead SOT-23 Package, Ultra Low Voltage Reset
LTC2904
3-State Programmable Precision Dual Supply Monitor
Adjustable Tolerance, 8-Lead SOT-23 Package
LTC2905
3-State Programmable Precision Dual Supply Monitor
Adjustable ⎯R⎯E⎯S⎯E⎯T and Tolerance, 8-Lead SOT-23 Package
LTC2906
Precision Dual Supply Monitor 1 Selectable and 1 Adjustable
Separate VCC Pin, RST/⎯R⎯S⎯T Outputs
LTC2907
Precision Dual Supply Monitor 1 Selectable and 1 Adjustable
Separate VCC Pin, Adjustable Reset Timer
LTC2908
Precision Six Supply Monitor (Four Fixed and 2 Adjustable)
8-Lead SOT-23 and DDB Packages
LTC2909
Precision Triple/Dual Input UV, OV
2 ADJ Inputs
LTC2910
Octal Positive/Negative Voltage Monitor
16-Lead SSOP and 5mm × 3mm DFN Packages
LTC2912
Single UV/OV Voltage Monitor, Adjustable UV and OV
8-Lead TSOT and 3mm × 2mm DFN Packages
LTC2913
Dual UV/OV Voltage Monitor
10-Lead MSOP and 3mm × 3mm DFN Packages
LTC2914
Qual UV/OV Positive/Negative Voltage Monitor
16-Lead SSOP and 5mm × 3mm DFN Packages
LTC2915
Single Supervisor with 27 Selectable Thresholds
10-Lead MSOP and 3mm × 2mm DFN-10 Packages
LTC2916
Single Supervisor with 9 Selectable Thresholds
Manual Reset, 10-Lead MSOP and 3mm × 2mm DFN-10 Packages
1.8V
CBYPASS
0.1
μF
VM
SEL1
SEL2
MR
GND
RT
VCC
LTC2916
RST
MANUAL RESET
PUSH BUTTON
1.8V
1.8V
12V
C1
0.1
μF
RPU
10k
29178 TA10
VM
SEL1
GND
SEL2
GND WT
RT
TOL
VCC
VCC
LTC2917-B
μP
RST
RST
WDI
I/O
TYPICAL APPLICATION
Dual Supply Monitor (1.8V and 12V) with Manual Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com