Electronic Components Datasheet Search
  English  ▼

X  

FS3600 Datasheet(PDF) 1 Page - Synology Inc.

Part # FS3600
Description  FlashStation FS3600
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

FS3600 Datasheet(HTML) 1 Page - Synology Inc.

  FS3600 Datasheet HTML 1Page - Synology Inc. FS3600 Datasheet HTML 2Page - Synology Inc. FS3600 Datasheet HTML 3Page - Synology Inc. FS3600 Datasheet HTML 4Page - Synology Inc. FS3600 Datasheet HTML 5Page - Synology Inc. FS3600 Datasheet HTML 6Page - Synology Inc. FS3600 Datasheet HTML 7Page - Synology Inc. FS3600 Datasheet HTML 8Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET | FlashStation FS3600
Highlights
• High Performance
Over 195,000 iSCSI 4K random write IOPS1
• Easy System Administration
Easy to deploy with an intuitive user interface
• Effortless Capacity Expansion
Flexibly scale up to 72 drives2 to increase storage
capacity as demand grows
• Virtualization-Ready
Integration with virtualization platforms at no extra cost
• Protect and Restore Data in a Snap
Back up critical data and reduce your Recovery Time
Objective (RTO) with Snapshot Replication
• Boost Business Productivity
Build an on-premises, multi-user collaboration
environment with fine-grained controls
Accelerate Your Business
with an Affordable All-Flash
Solution
FS3600 is a 24-bay all-flash NAS that lets
enterprises boost the performance of I/O
sensitive applications such as database,
virtualization, and online transaction
processing (OLTP) at a competitive total cost
of ownership. Powered by Synology's award-
winning DiskStation Manager (DSM) operating
system, FS3600 simplifies data management
tasks with an intuitive and efficient user
interface. A wide range of integrated data
protection features helps maintain high
service availability.
FlashStation
FS3600


Similar Part No. - FS3600

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS36 GOOD-ARK-FS36 Datasheet
369Kb / 4P
Surface Mount Schottky Rectifier
logo
TRIAD MAGNETICS
FS36-030 TRIAD-FS36-030 Datasheet
78Kb / 1P
FS36-030
logo
List of Unclassifed Man...
FS36-030 ETC2-FS36-030 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS36-030-C2 TRIAD-FS36-030-C2 Datasheet
55Kb / 1P
CLASS 3 TRANSFORMER
FS36-030 TRIAD-FS36-030_13 Datasheet
88Kb / 1P
PC MOUNT : SPLIT PACK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com