Electronic Components Datasheet Search
  English  ▼

X  

2002182000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2002182000
Description  Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 32-26 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2002182000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2002182000 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number : 2002182000
Product Description : Hand Crimp Tool for 1.25mm
Pitch PicoBlade Crimp Terminals, 32-26 AWG
Series Number : 207129
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
2002182000-000.pdf
Product Environment Compliance
Compliance
GADSL/IMDS
Not Relevant
China RoHS
Not Relevant
EU ELV
Not Relevant
Low-Halogen Status
Not Relevant
REACH SVHC
Not Reviewed per D(2024)7663-DC
(21 Jan 2025)
EU RoHS
Not Reviewed per EU 2015/863
Compliance Statements
EU RoHS
REACH SVHC
Low-Halogen
Industry Documents
IPC 1752A Class C
IPC 1752A Class D
Molex Product Compliance Declaration
IEC-62474
chemSHERPA (xml)
Substances of Interest
PFAS


Similar Part No. - 2002182000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002182000 MOLEX-2002182000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
07-31-19
2002182000 MOLEX2-2002182000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
More results

Similar Description - 2002182000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0300 MOLEX11-63819-0300 Datasheet
44Kb / 1P
Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
63819-0400 MOLEX11-63819-0400 Datasheet
44Kb / 1P
Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
63819-0400 MOLEX-63819-0400 Datasheet
589Kb / 7P
Hand Crimp Tool for 1.25mm (.049) Pitch PicoBlade??Crimp Terminals
07-27-10
63827-1400 MOLEX-63827-1400 Datasheet
624Kb / 7P
Hand Crimp Tool 1.25mm (.049?? Pitch PicoBlade Crimp Terminals
08-15-17
ATS-638190300 MOLEX-ATS-638190300 Datasheet
590Kb / 8P
Hand Crimp Tool 1.25mm (.049") Pitch PicoBlade??Crimp Terminals
07-27-10
2002189700 MOLEX-2002189700 Datasheet
37Kb / 1P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 26-28 AWG
4/21/2022
200218-2000 MOLEX-200218-2000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
200218-6300 MOLEX-200218-6300 Datasheet
1Mb / 9P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
11-19-21
2002182000 MOLEX-2002182000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
07-31-19
200218-2000 MOLEX2-200218-2000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com