Electronic Components Datasheet Search
  English  ▼

X  

2002182600 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 2002182600
Description  Hand Crimp Tool for CTX-J 100 Receptacle Terminal, 0.50mm², 0.75mm² and 1.25mm² Wires
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2002182600 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  2002182600 Datasheet HTML 1Page - Molex Electronics Ltd. 2002182600 Datasheet HTML 2Page - Molex Electronics Ltd. 2002182600 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Molex Tooling is modified.
Applicable Parts
Description
Part Number
CTX-J 100 Female Terminal, Tin
Plated, 0.75-1.25mm² Wire Size,
Large Grip, Sealed
5602050101
CTX-J 100 Female Crimp Terminal,
Tin Plated, 0.50mm² Wire Size,
Small Grip, Sealed
5602050102
This document was generated on Jun 18, 2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com