Electronic Components Datasheet Search
  English  ▼

X  

LTC2901 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2901
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901 Datasheet(HTML) 2 Page - Linear Technology

  LTC2901 Datasheet HTML 1Page - Linear Technology LTC2901 Datasheet HTML 2Page - Linear Technology LTC2901 Datasheet HTML 3Page - Linear Technology LTC2901 Datasheet HTML 4Page - Linear Technology LTC2901 Datasheet HTML 5Page - Linear Technology LTC2901 Datasheet HTML 6Page - Linear Technology LTC2901 Datasheet HTML 7Page - Linear Technology LTC2901 Datasheet HTML 8Page - Linear Technology LTC2901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2917/LTC2918
2
29178f
ABSOLUTE MAXIMUM RATINGS
(Note 1, 2)
Terminal Voltages
VCC (Note 3).......................................... –0.3V to 5.7V
SEL1, SEL2, TOL, WDI, ⎯M⎯R, ⎯R⎯S⎯T ......... –0.3V to 7.5V
VM ......................................................... –0.3V to 15V
RT, WT ...................................... –0.3V to (VCC + 0.3)V
Terminal Currents
VCC (Note 3).......................................................±5mA
Operating Temperature Range
LTC2917C/LTC2918C............................... 0°C to 70°C
LTC2917I/LTC2918I ............................. –40°C to 85°C
LTC2917H/LTC2918H ........................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP-10 .......................................................... 300°C
1
2
3
4
5
GND
TOL
SEL2
SEL1
VM
10
9
8
7
6
RST
RT
WT
WDI
VCC
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 200°C/W
LTC2917
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm
× 2mm) PLASTIC DFN
GND
TOL
SEL2
SEL1
VM
RST
RT
WT
WDI
VCC
6
8
7
9
10
5
4
2
3
1
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) PCB GND
CONNECTION OPTIONAL
LTC2917
1
2
3
4
5
GND
MR
SEL2
SEL1
VM
10
9
8
7
6
RST
RT
WT
WDI
VCC
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 200°C/W
LTC2918
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm
× 2mm) PLASTIC DFN
GND
MR
SEL2
SEL1
VM
RST
RT
WT
WDI
VCC
6
8
7
9
10
5
4
2
3
1
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) PCB GND
CONNECTION OPTIONAL
LTC2918
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com