Electronic Components Datasheet Search
  English  ▼

X  

LTC2905 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2905
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2905 Datasheet HTML 8Page - Linear Technology LTC2905 Datasheet HTML 9Page - Linear Technology LTC2905 Datasheet HTML 10Page - Linear Technology LTC2905 Datasheet HTML 11Page - Linear Technology LTC2905 Datasheet HTML 12Page - Linear Technology LTC2905 Datasheet HTML 13Page - Linear Technology LTC2905 Datasheet HTML 14Page - Linear Technology LTC2905 Datasheet HTML 15Page - Linear Technology LTC2905 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2917/LTC2918
13
29178f
TYPICAL APPLICATIONS
1V Supply Monitor with Windowed Watchdog Timeout
and Internal Timers Selected
12V Supply Monitor with 20ms Reset Timeout and 3.4s
Watchdog Timeout, with 3.3V Logic Out
9V, –15% Tolerance Supply Monitor
with 1.8V Logic Out
3.3V
3.3V
1V
CBYPASS
0.1
μF
RPU
10k
29178 TA02
VM
SEL1
GND
SEL2
GND
RT
WT
TOL
VCC
VCC
LTC2917-B
μP
RST
RST
WDI
I/O
tWDU = 1.6s
tWDL = 50ms
tRST = 200ms
3.3V
12V
CBYPASS
0.1
μF
RPU
10k
29178 TA03
VM
SEL1
GND
SEL2
GND
RT
WT
TOL
VCC
VCC
LTC2917-A
μP
RST
RST
WDI
I/O
CWT
0.047
μF
CRT
0.0022
μF
1.8V
9V
CBYPASS
0.1
μF
RPU
10k
29178 TA04
VM
SEL1
GND
SEL2
TOL
VCC
VCC
LTC2917-A
μP
RST
RST
WDI
I/O
GND
R2
866k
R1
51.1k
CRT
RT
CWT
WT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com