Electronic Components Datasheet Search
  English  ▼

X  

HS151 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # HS151
Description  DIN RAIL OR PANEL MOUNT HEAT SINKS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

HS151 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  HS151 Datasheet HTML 1Page - Sensata Technologies, Inc. HS151 Datasheet HTML 2Page - Sensata Technologies, Inc. HS151 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
HS SERIES | HS151
DIN RAIL OR PANEL MOUNT HEAT SINKS
GENERAL SPECIFICATIONS
Features
• 1.5°C/W Thermal resistance
• Suitable for 1 single or dual SSR
• DIN rail or panel mounting
Description
HS151
HS151DR
Heat sink mounting
Panel Mount
DIN Rail or Panel Mount
Thermal Resistance (°C/W)
1.5
1.5
Surface area (in²/cm²)
138/891
138/891
Weight (lb/g)
0.85/319
0.92/350
Material
Aluminum
Aluminum
Finish
Black Anodized
Black Anodized
SSR Mounting Holes/threads
2, 8x32
2, 8x32
Mounting Screw Torque (lb-in/Nm)
15-20/1.7-2.2
15-20/1.7-2.2
Number and type of relay accepted
1 single or dual
1 single or dual
Accepts Fan/size (mm)
Yes/ 2-40
Yes/ 2-40


Similar Part No. - HS151

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HS151 CRYDOM-HS151 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
HS151 CRYDOM-HS151 Datasheet
234Kb / 1P
HK1 contains 2 SSR mounting screws 8-32 x 3/8
HS151 CRYDOM-HS151 Datasheet
547Kb / 4P
Panel Mount
logo
Sensata Technologies, I...
HS151 SENSATA-HS151 Datasheet
2Mb / 7P
PANEL MOUNT SOLID STATE RELAYS
Rev. 03/28/2025
HS151 SENSATA-HS151 Datasheet
620Kb / 7P
POWERPLUS DC SERIES | 100 VDC
07/09/2024 Rev. B
More results

Similar Description - HS151

ManufacturerPart #DatasheetDescription
logo
Picker Components
SK4104Z-F PICKER-SK4104Z-F Datasheet
66Kb / 1P
8 Pin Miniature Socket for Din Rail or Panel Mount
SK4104 PICKER-SK4104 Datasheet
66Kb / 1P
14 Pin Miniature Socket for Din Rail or Panel Mount
SC113-2C PICKER-SC113-2C Datasheet
104Kb / 1P
8 Pin Midget Socket for Din Rail or Panel Mount
SC118-4C PICKER-SC118-4C Datasheet
94Kb / 1P
14 Pin Miniature Socket for Din Rail or Panel Mount
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
DIN Rail, Panel Mount or Wall Mount
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
Panel mount or 35mm Din Rail (EN50022)
BMXXBP0800 ETC-BMXXBP0800 Datasheet
72Kb / 1P
panel, plate or DIN rail mounting
BMXXBP1200 ETC-BMXXBP1200 Datasheet
67Kb / 1P
panel, plate or DIN rail mounting
logo
Bud Industries, Inc.
DB-4713 BUD-DB-4713 Datasheet
89Kb / 1P
DIN RAIL / PANEL MOUNT BOX
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
Chassis or DIN rail mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com