Electronic Components Datasheet Search
  English  ▼

X  

P330 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # P330
Description  PLATFORM CONTROL SYSTEM FOR SLAB SCISSOR LIFT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

P330 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  P330 Datasheet HTML 1Page - Sensata Technologies, Inc. P330 Datasheet HTML 2Page - Sensata Technologies, Inc. P330 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2024 Sensata Technologies Inc.
ECU330 Electronic Control Unit
Connector: CN = 36 Pin, AMP 344108-1; Pin Current Rating 10Amps
Pin
Single Type
Characteristic
Pin
Single Type
Characteristic
Pin
Single Type
Characteristic
1A
Comm.
CAN level H
13A
Comm.
PCANH
25A
Comm
PCANL 
2A
Comm.
CAN level L
14A
Digital Input
0VDC@1A
26A
Power input
9~36V
3A
Digital Output
24VDC@2.5A
15A
Power
GND
27A
Analog Input
0~5V/4-20mA
4A
Power input
9~36V
16A
Analog Input
0~5V
28A
Analog Output
0~5V/10mA
5A
Power input
9~36V
17A
Digital Input
5VDC/0VDC
29A
Digital Input
5VDC/0VDC
6A
PWM
24VDC@2.5A
18A
PWM
24VDC@2.5A
30A
Digital Output
24VDC@2.5A
7A
Digital Output
24VDC@2.5A
19A
Digital Output
24VDC@2.5A
31A
Digital Output
24VDC@2.5A
8A
Digital Output
24VDC@2.5A
20A
PWM
24VDC@2.5A
32A
Digital Output
24VDC@2.5A
9A
Analog Output 0-5VDC@10mA
21A
Digital Output 0VDC@100mA
33A
Digital Output
24VDC@2.5A
10A
Digital Output
0VDC@1A
22A
Digital Input
0/Vbat
34A
Digital Input
0VDC@1A
11A
Analog Input
0-5VDC/4-20mA
23A
Digital Input
0/Vbat
35A
Digital Input
0VDC@1A
12A
Digital Input
0VDC@1A
24A
Digital Input
0/Vbat
36A
Digital Input
0VDC@1A
Dimensions in inches [mm]
DIMENSIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com