Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2909
Description  Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2909 Datasheet HTML 4Page - Linear Technology LTC2909 Datasheet HTML 5Page - Linear Technology LTC2909 Datasheet HTML 6Page - Linear Technology LTC2909 Datasheet HTML 7Page - Linear Technology LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology LTC2909 Datasheet HTML 10Page - Linear Technology LTC2909 Datasheet HTML 11Page - Linear Technology LTC2909 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2917/LTC2918
8
29178f
BLOCK DIAGRAM
GND
RST
VCC
VCC
VCC
29178 BD
VM
SEL1
MR
SEL2
RT
3 STATE
DECODE
MONITOR
DIVIDER
MATRIX
REFERENCE
DIVIDER
MATRIX
INTERNAL
200ms TIMER
ADJUSTABLE
RESET TIMER
RESET
DRIVER LOGIC
VCC DETECT
TOL
6.2V
100k
0.5V
+
–
WT
WDI
VCC DETECT
INTERNAL
1.6 SECOND
TIMER
ADJUSTABLE
WATCHDOG
TIMER
WATCHDOG
LOGIC
LTC2918
LTC2917
TIMING DIAGRAM
VM
RST
VMTx
1V
tUV
tRST
29178 TD01
Monitor Input Timing
WDI
RST
tWDU
tRST
29178 TD01
WDI
RST
tWDU
t > tWDL
tRST
29178 TD03
tRST
t < tWDL
Watchdog Timing (LTC2917-A, LTC2918-A)
Watchdog Timing (LTC2917-B, LTC2918-B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com