Electronic Components Datasheet Search
  English  ▼

X  

779201 Datasheet(PDF) 1 Page - Pilz GmbH & Co. KG

Part # 779201
Description  PNOZ m B0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PILZ [Pilz GmbH & Co. KG]
Direct Link  https://www.pilz.com/en-INT/eshop
Logo PILZ - Pilz GmbH & Co. KG

779201 Datasheet(HTML) 1 Page - Pilz GmbH & Co. KG

  779201 Datasheet HTML 1Page - Pilz GmbH & Co. KG 779201 Datasheet HTML 2Page - Pilz GmbH & Co. KG 779201 Datasheet HTML 3Page - Pilz GmbH & Co. KG 779201 Datasheet HTML 4Page - Pilz GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNOZ m B0
772100
Configurable control system PNOZmulti 2 base module expandable, 20
safe digital inputs, up to 8 of which can be configured as auxiliary outputs 4
safe semiconductor outputs.
Technical details
Approvals:
CE;cULus Listed;TÜV;BG
Base unit:
Yes
Number of digital inputs:
12
Number of configurable I/Os:
8
Number of test pulse outputs:
4
Supply voltage (V):
24,0
Supply voltage type:
DC
Terminal type:
Screw terminal;Spring-loaded terminal
Terminal style:
Plug-in
Version for extreme environ. conditions:
Standard
Supply voltage type:
0.8 W
Width dimension:
45.0 mm
Height dimension:
101.4 mm
Depth dimension:
120.0 mm
Gross weight:
250 g
Net weight:
235 g
Ambient temperature:
0 - 60 °C
Pilz GmbH & Co. KG, Felix-Wankel-Strasse 2, 73760 Ostfildern, Germany
Page 1/4


Similar Part No. - 779201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7792 ETC2-7792 Datasheet
201Kb / 1P
PC METRIC SCREW TERMINAL
logo
Littelfuse
7792 LITTELFUSE-7792 Datasheet
420Kb / 1P
FOOT OPERATED SWITCHES
2019 Rev: 021119
logo
Keystone Electronics Co...
7792 KEYSTONE-7792 Datasheet
529Kb / 1P
METRIC SCREW TERMINALS
31-07 20th
logo
Littelfuse
7792-01 LITTELFUSE-7792-01 Datasheet
420Kb / 1P
FOOT OPERATED SWITCHES
2019 Rev: 021119
7792-03 LITTELFUSE-7792-03 Datasheet
420Kb / 1P
FOOT OPERATED SWITCHES
2019 Rev: 021119
More results

Similar Description - 779201

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
logo
Freescale Semiconductor...
C5ENPB0-DS FREESCALE-C5ENPB0-DS Datasheet
1Mb / 118P
C-5e Network Processor Silicon Revision B0
logo
Winchester Electronics ...
SD879-2-1 WINCHESTER-SD879-2-1 Datasheet
51Kb / 1P
SMA ADAPTER (M-M)
SD1709-5 WINCHESTER-SD1709-5 Datasheet
34Kb / 1P
ADAPTER, M-M, SHV
logo
FERYSTER Inductive Comp...
EFD25-K-10P-FUAN FERYSTER-EFD25-K-10P-FUAN Datasheet
241Kb / 1P
PHENOLIC M/M
logo
Texas Instruments
LP8758-B0 TI-LP8758-B0_15 Datasheet
1Mb / 55P
LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
LP8758-B0 Four-Phase DC-DC Step-Down Converter
logo
NXP Semiconductors
C3ENPB0-DS NXP-C3ENPB0-DS Datasheet
2Mb / 114P
C-3e Network Processor Silicon Revision B0
Rev 03
C5ENPB0-DS NXP-C5ENPB0-DS Datasheet
2Mb / 118P
C-5e NETWORK PROCESSOR SILICON REVISION B0
Rev 08
logo
List of Unclassifed Man...
750110 ETC-750110 Datasheet
384Kb / 7P
Contact expansion modules Up to PL e of EN ISO 13849-1 PNOZ s10
2010-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com