Electronic Components Datasheet Search
  English  ▼

X  

2N5681 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5681
Description  SILICON NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5681 Datasheet(HTML) 1 Page - STMicroelectronics

  2N5681 Datasheet HTML 1Page - STMicroelectronics 2N5681 Datasheet HTML 2Page - STMicroelectronics 2N5681 Datasheet HTML 3Page - STMicroelectronics 2N5681 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N5681
2N5682
SILICON NPN TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
NPN TRANSISTOR
APPLICATIONS
s
GENERAL PURPOSE SWITCHING
s
GENERAL PURPOSE AMPLIFIERS
DESCRIPTION
The 2N5681, 2N5682 are high voltage silicon
epitaxial planar NPN transistors in Jedec TO-39
metal case intended for use as drivers for high
power transistors in general purpose, amplifier
and switching applications.
The complementary PNP types are the 2N5679
and 2N5680 respectively.
INTERNAL SCHEMATIC DIAGRAM
July 1997
TO-39
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
2N5680
2N5682
VCBO
Collector-Base Voltage (IE = 0)
100
120
V
VCEO
Collector-Emitter Voltage (IB = 0)
100
120
V
VEBO
Emitter-Base Voltage (IC = 0)
4
V
IC
Collector Current
1
A
IB
Base Current
0.5
A
Ptot
Total Dissipation at Tc
≤ 25 oC10
W
Ptot
Total Dissipation at Tamb
≤ 50 oC1
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1/4


Similar Part No. - 2N5681

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5681 BOCA-2N5681 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5681 CENTRAL-2N5681 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5681 ETC-2N5681 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N5681 MICROSEMI-2N5681 Datasheet
58Kb / 2P
NPN POWER TRANSISTOR SILICON AMPLIFIER
More results

Similar Description - 2N5681

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SD1026 JMNIC-2SD1026 Datasheet
37Kb / 1P
Silicon NPN Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com