Electronic Components Datasheet Search
  English  ▼

X  

ADS8381IPFBT Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS8381IPFBT
Description  18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8381IPFBT Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS8381IPFBT Datasheet HTML 25Page - Texas Instruments ADS8381IPFBT Datasheet HTML 26Page - Texas Instruments ADS8381IPFBT Datasheet HTML 27Page - Texas Instruments ADS8381IPFBT Datasheet HTML 28Page - Texas Instruments ADS8381IPFBT Datasheet HTML 29Page - Texas Instruments ADS8381IPFBT Datasheet HTML 30Page - Texas Instruments ADS8381IPFBT Datasheet HTML 31Page - Texas Instruments ADS8381IPFBT Datasheet HTML 32Page - Texas Instruments ADS8381IPFBT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
ADS8381
SLAS364D − APRIL 2002 − REVISED FEBRUARY 2005
www.ti.com
29
Digital Inputs
The converter switches from sample to hold mode at the falling edge of the CONVST input pin. A clean and low jitter
falling edge is important to the performance of the converter. A sharp falling transition on this pin can affect the voltage
that is acquired by the converter. A falling transition time in the range of 10 ns to 30 ns is required to achieve the rated
performance of the converter. A resistor of approximately 1000
Ω (10% tolerance) can be placed in series with the
CONVST input pin to satisfy this requirement.
The other digital inputs to the ADS8381 do not require any resistors in series with them. However, certain precautions
are necessary to ensure that transitions on these inputs do not affect converter performance. It is recommended that
all activity on the input pins happen during the first 600 ns of the conversion period. This allows the error correction
circuits inside the device to correct for any errors that these activities cause on the converter output. For example,
when the converter is operated with CS and RD tied to ground, the signal CONVST can be brought low to initiate
a conversion and brought high after a duration not exceeding 600 ns. Figure 49 shows the recommended timing for
the CONVST input with RD and CS tied low.
tconv
CONVST
BUSY
CS = 0
RD = 0
600 ns
800 ns(1)
125 ns(1)
tacq
(1)Quiet Zone (No bus activity)
tw1<600ns
Figure 49. Timing for CONVST When CS = RD = BDGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com