Electronic Components Datasheet Search
  English  ▼

X  

COMPACT-808 Datasheet(PDF) 4 Page - Coherent Corp

Part # COMPACT-808
Description  Industrial High Power Diode Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-808 Datasheet(HTML) 4 Page - Coherent Corp

  COMPACT-808 Datasheet HTML 1Page - Coherent Corp COMPACT-808 Datasheet HTML 2Page - Coherent Corp COMPACT-808 Datasheet HTML 3Page - Coherent Corp COMPACT-808 Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@Coherent.com
www.Coherent.com
Coherent follows a policy of continuous product improvement. Specifications are subject to change without notice. Coherent’s scientific and industrial lasers are certified to comply with the Federal Regulations
(21 CFR Subchapter J) as administered by the Center for Devices and Radiological Health on all systems ordered for shipment after August 2, 1976.
Coherent offers a limited warranty for all Diode Laser Systems. For full details of this warranty coverage, please refer to the Service section at www.coherent.com or contact your local Sales or Service
Representative. MC-008-19-0M0519 Copyright ©2019 Coherent, Inc.
Datasheet
MECHANICAL SPECIFICATIONS
Compact Series
B
C
D
E
F
A
1
2
3
4
5
6
7
8
1:5
000
20.08.2019 11:17:51
200 000 198 610
AA
SEA
GR
200 000 198 611 SED 000 AA
9931 00731
Maßblatt;COM;AC;SMA
dimension sheet;COM;AC;SMA
AA E177453
19.08.2019
GR
-
08.04.2015
JWr
Rev.
ECO
Date
Name
Orig.
Repl.
Scale
Description
Part No.
Drawing document No.
Model document No.
=
+
20.08.2019
20.08.2019
J.WRIDT
G.RODINA
G.RODINA
Project
Mod. check.
Dwg. check.
Created
Name
Date
08.04.2015
Sheet
1 / 1
© 2015
0
354.1 mm 13.941 in.
506.2 mm 19.929 in.
35.3 mm 1.39 in.
0
52 mm 2.047 in.
100 mm 3.937 in.
177.8 mm 7 in.
0
38.1 mm 1.498 in.
139.8 mm 5.502 in.
HMI
Emergency Stop
Key Switch
0
94.8 mm 3.73 in.
Electronic Exhaust
Electronic Exhaust
SMA Fiber Connector
2.9 mm 0.114 in.
Industriegehäuse 19" 4HE
Industrial Rack Mount 19" 4HU
Rack industriel 19" 4 UH
A
A
R3,75
Top View
Front View
Back View
Compact Series 808



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com