Electronic Components Datasheet Search
  English  ▼

X  

LM-150FS Datasheet(PDF) 4 Page - Coherent Corp

Part # LM-150FS
Description  Position Sensing Air-Cooled Thermopile Sensors to 200 W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

LM-150FS Datasheet(HTML) 4 Page - Coherent Corp

  LM-150FS Datasheet HTML 1Page - Coherent Corp LM-150FS Datasheet HTML 2Page - Coherent Corp LM-150FS Datasheet HTML 3Page - Coherent Corp LM-150FS Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Position Sensing Air-Cooled Thermopile Sensors to 200 W
© 2023 Coherent Corp.
Legal notices : coherent.com/legal
For more information
www.coherent.com
Specifications
LM-20
LM-150 LS
LM-150 FS
Wavelength Range (μm)
0.25 to 10.6
Power Range
100 mW to 20 W
100 mW to 150 W
100 mW to 150 W
Long-Pulse Joules Range (J)
0.5 to 10
Resolution (mW)
10
Maximum Power Density (kW/cm²)
6
Maximum Energy Density (mJ/cm²)
600 (10 ns, 1064 nm)
Detector Coating
Broadband
Detector Diameter (mm)
19
Calibration Uncertainty (%) (k=2)
±2
±5
±5
Calibration Wavelength (nm)
10,600
Cooling Method
Conductive
Air
Air
Cable Type
LM DB-25
Cable Length (m)
1.8
Part Number
1098456
1098452
1098394
Notes:
1.
C24 Quick Ship program: eligible for next business day shipment.
LM-20
LM-150 LS
Mechanical Specifications
LM-150 FS
35 mm
(1.37 in.)
3 mm
(0.10 in.)
Ø54 mm
(2.12 in.)
4X Ø4 mm (0.16 in.)
Mounting Holes
Ø51 mm
(1.99 in.)
Ø19 mm
(0.75 in.)
Ø60 mm
(2.38 in.)
1.035-40 UN-2B
Note: Detector Surface
is 7.7 mm (0.3 in.) below
front face of aperture plate
Ø19 mm
(0.75 in.)
22 mm
(0.86 in.)
32 mm
(1.25 in.)
36 mm
(1.40 in.)
70 mm
(2.75 in.)
35 mm
(1.38 in.)
32 mm
(1.25 in.)
70 mm
(2.75 in.)
1.035-40 UN-2B
Note: Detector Surface
is 8.8 mm (0.7 in.) below
front face of aperture plate
76 mm
(3.0 in.)
Ø19 mm
(0.75 in.)
38 mm
(1.50 in.)
Ø83 mm
(3.25 in.)
46 mm
(1.80 in.)
3/4-32-2B UN
Adjustable
44-76 mm
(1.73-3.0 in.)
Note: Detector Surface
is 6.7 mm (0.27 in.) below
front face of aperture plate



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com