Electronic Components Datasheet Search
  English  ▼

X  

LM555 Datasheet(PDF) 7 Page - SYC Electronica

Part # LM555
Description  Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM555 Datasheet(HTML) 7 Page - SYC Electronica

Back Button LM555 Datasheet HTML 3Page - SYC Electronica LM555 Datasheet HTML 4Page - SYC Electronica LM555 Datasheet HTML 5Page - SYC Electronica LM555 Datasheet HTML 6Page - SYC Electronica LM555 Datasheet HTML 7Page - SYC Electronica LM555 Datasheet HTML 8Page - SYC Electronica LM555 Datasheet HTML 9Page - SYC Electronica LM555 Datasheet HTML 10Page - SYC Electronica LM555 Datasheet HTML 11Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Applications Information
MONOSTABLE OPERATION
In this mode of operation, the timer functions as a one-shot
(Figure 1). The external capacitor is initially held discharged
by a transistor inside the timer. Upon application of a nega-
tive trigger pulse of less than 1/3 V
CC to pin 2, the flip-flop is
set which both releases the short circuit across the capacitor
and drives the output high.
The voltage across the capacitor then increases exponen-
tially for a period of t = 1.1 R
A C, at the end of which time the
voltage equals 2/3 V
CC. The comparator then resets the
flip-flop which in turn discharges the capacitor and drives the
output to its low state. Figure 2 shows the waveforms gen-
erated in this mode of operation. Since the charge and the
threshold level of the comparator are both directly propor-
tional to supply voltage, the timing interval is independent of
supply.
During the timing cycle when the output is high, the further
application of a trigger pulse will not effect the circuit so long
as the trigger input is returned high at least 10µs before the
end of the timing interval. However the circuit can be reset
during this time by the application of a negative pulse to the
reset terminal (pin 4). The output will then remain in the low
state until a trigger pulse is again applied.
When the reset function is not in use, it is recommended that
it be connected to V
CC to avoid any possibility of false
triggering.
Figure 3 is a nomograph for easy determination of R, C
values for various time delays.
NOTE: In monostable operation, the trigger should be driven
high before the end of timing cycle.
ASTABLE OPERATION
If the circuit is connected as shown in Figure 4 (pins 2 and 6
connected) it will trigger itself and free run as a multivibrator.
The external capacitor charges through R
A +RB and dis-
charges through R
B. Thus the duty cycle may be precisely
set by the ratio of these two resistors.
In this mode of operation, the capacitor charges and dis-
charges between 1/3 V
CC and 2/3 VCC. As in the triggered
mode, the charge and discharge times, and therefore the
frequency are independent of the supply voltage.
00785105
FIGURE 1. Monostable
00785106
VCC = 5V
Top Trace: Input 5V/Div.
TIME = 0.1 ms/DIV.
Middle Trace: Output 5V/Div.
RA = 9.1kΩ
Bottom Trace: Capacitor Voltage 2V/Div.
C = 0.01µF
FIGURE 2. Monostable Waveforms
00785107
FIGURE 3. Time Delay
00785108
FIGURE 4. Astable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com