Electronic Components Datasheet Search
  English  ▼

X  

LM556CM Datasheet(PDF) 3 Page - SYC Electronica

Part # LM556CM
Description  Dual Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM556CM Datasheet(HTML) 3 Page - SYC Electronica

  LM556CM Datasheet HTML 1Page - SYC Electronica LM556CM Datasheet HTML 2Page - SYC Electronica LM556CM Datasheet HTML 3Page - SYC Electronica LM556CM Datasheet HTML 4Page - SYC Electronica LM556CM Datasheet HTML 5Page - SYC Electronica LM556CM Datasheet HTML 6Page - SYC Electronica LM556CM Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
+18V
Power Dissipation (Note 2)
LM556CM
410 mW
LM556CN
1620 mW
Operating Temperature Ranges
LM556C
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 Seconds)
260˚C
Small Outline Packages
Vapor Phase (60 Seconds)
215˚C
Infrared (15 Seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics
(T
A = 25˚C, VCC = +5V to +15V, unless otherwise specified)
Parameter
Conditions
Limits
Units
LM556C
Min
Typ
Max
Supply Voltage
4.5
16
V
Supply Current
(Each Timer Section)
V
CC = 5V, RL = ∞
V
CC = 15V, RL = ∞
(Low State) (Note 3)
3
10
6
14
mA
Timing Error, Monostable
Initial Accuracy
0.75
%
Drift with Temperature
R
A = 1k to 100kΩ,
50
ppm/˚C
C = 0.1µF, (Note 4)
Accuracy over Temperature
1.5
%
Drift with Supply
0.1
%/V
Timing Error, Astable
Initial Accuracy
2.25
%
Drift with Temperature
R
A,RB = 1k to 100kΩ,
150
ppm/˚C
Accuracy over Temperature
C = 0.1µF, (Note 4)
3.0
%
Drift with Supply
0.30
%/V
Trigger Voltage
V
CC = 15V
4.5
5
5.5
V
V
CC = 5V
1.25
1.67
2.0
V
Trigger Current
0.2
1.0
µA
Reset Voltage
0.4
0.5
1
V
Reset Current
0.1
0.6
mA
Threshold Current
V
TH = V-Control (Note 6)
V
TH = 11.2V
0.03
0.1
250
µA
nA
Control Voltage Level and
Threshold Voltage
V
CC = 15V
V
CC =5V
9
2.6
10
3.33
11
4
V
Pin 1, 13
Leakage Output High
1
100
nA
Pin 1, 13 Sat
(Note 7)
Output Low
V
CC = 15V, I = 15mA
180
300
mV
Output Low
V
CC = 4.5V, I = 4.5mA
80
200
mV
Output Voltage Drop (Low)
V
CC = 15V
I
SINK = 10mA
0.1
0.25
V
I
SINK = 50mA
0.4
0.75
V
I
SINK = 100mA
2
2.75
V
I
SINK = 200mA
2.5
V
V
CC =5V
I
SINK = 8mA
V
I
SINK = 5mA
0.25
0.35
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com