Electronic Components Datasheet Search
  English  ▼

X  

MPSA13 Datasheet(PDF) 1 Page - SYC Electronica

Part # MPSA13
Description  NPN Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MPSA13 Datasheet(HTML) 1 Page - SYC Electronica

  MPSA13 Datasheet HTML 1Page - SYC Electronica MPSA13 Datasheet HTML 2Page - SYC Electronica MPSA13 Datasheet HTML 3Page - SYC Electronica MPSA13 Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MPSA13
NPN Darlington Transistor
• This device is designed for applications requiring extremely high Current gain at collector Currents to 1.0A.
• Sourced from process 05.
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
- Continuous
1.2
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)CES
Collector-Emitter Breakdown Voltage
IC = 100μA, IB = 0
30
V
ICBO
Collector-Cutoff Current
VCB = 30V, IE = 0
100
nA
IEBO
Emitter-Cutoff Current
VEB = 10V, IC = 0
100
nA
On Characteristics *
hFE
DC Current Gain
VCE = 5.0V, IC =10mA
VCE = 5.0, IC = 100mA
5,000
10,000
VCE (sat)
Collector-Emitter Saturation Voltage
IC = 100mA, IB = 0.1mA
1.5
V
VBE (on)
Base-Emitter On Voltage
IC = 100mA,VCE = 5.0V
2.0
V
Small Signal Characteristics
fT
Current Gain Bandwidth Product
IC = 10mA, VCE = 10V, f = 100MHz
125
pF
TO-92
1. Emitter 2. Base 3. Collector
1


Similar Part No. - MPSA13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MPSA13 ONSEMI-MPSA13 Datasheet
72Kb / 6P
Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
KEC(Korea Electronics)
MPSA13 KEC-MPSA13 Datasheet
62Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
More results

Similar Description - MPSA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com