Electronic Components Datasheet Search
  English  ▼

X  

MPX5010 Datasheet(PDF) 1 Page - SYC Electronica

Part # MPX5010
Description  On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MPX5010 Datasheet(HTML) 1 Page - SYC Electronica

  MPX5010 Datasheet HTML 1Page - SYC Electronica MPX5010 Datasheet HTML 2Page - SYC Electronica MPX5010 Datasheet HTML 3Page - SYC Electronica MPX5010 Datasheet HTML 4Page - SYC Electronica MPX5010 Datasheet HTML 5Page - SYC Electronica MPX5010 Datasheet HTML 6Page - SYC Electronica MPX5010 Datasheet HTML 7Page - SYC Electronica MPX5010 Datasheet HTML 8Page - SYC Electronica MPX5010 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPxx5010 series piezoresistive transducers are state-of-the-art
monolithic silicon pressure sensors designed for a wide range of applications,
but particularly those employing a microcontroller or microprocessor with A/D
inputs. This transducer combines advanced micromachining techniques,
thin-film metallization, and bipolar processing to provide an accurate, high
level analog output signal that is proportional to the applied pressure. The
axial port has been modified to accommodate industrial grade tubing.
Features
• 5.0% Maximum Error over 0
 to 85C
• Ideally Suited for Microprocessor or Microcontroller-Based Systems
• Durable Epoxy Unibody and Thermoplastic (PPS) Surface Mount Package
• Temperature Compensated over -40
 to +125C
• Patented Silicon Shear Stress Strain Gauge
• Available in Differential and Gauge Configurations
• Available in Surface Mount (SMT) or Through-hole (DIP) Configurations
ORDERING INFORMATION
Device Name
Case No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX5010 Series)
MPX5010DP
867C
•
•
MPX5010DP
MPX5010GP
867B
•
•
MPX5010GP
MPX5010GS
867E
•
•
MPX5010D
MPX5010GSX
867F
•
•
MPX5010D
Small Outline Package (MPXV5010 Series)
MPXV5010DP
1351
•
•
MPXV5010DP
MPXV5010G6U
482
•
•
MPXV5010G
MPXV5010GC6T1
482A
•
•
MPXV5010G
MPXV5010GC6U
482A
•
•
MPXV5010G
MPXV5010GC7U
482C
•
•
MPXV5010G
MPXV5010GP
1369
•
•
MPXV5010GP
Small Outline Package (Media Resistant Gel) (MPVZ5010 Series)
MPVZ5010G6U
482
•
•
MPVZ5010G
MPVZ5010G7U
482B
•
•
MPVZ5010G
MPVZ5010GW6U
1735
•
•
MZ5010GW
MPVZ5010GW7U
1560
•
•
MZ5010GW
MPX5010
Series
0 to 10 kPa (0 to 1.45 psi)
(0 to 1019.78 mm H2O)
0.2 to 4.7 V Output
MPXV5010
MPVZ5010
Application Examples
• Hospital Beds
•HVAC
• Respiratory Systems
• Process Control
• Washing Machine Water Level
Measurement (Reference AN1950)
• Ideally Suited for Microprocessor or
Microcontroller-Based Systems
• Appliance Liquid Level and Pressure
Measurement
MPX5010
SENSOR DE PRESION 10KPA
www.sycelectronica.com.ar


Similar Part No. - MPX5010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
logo
Freescale Semiconductor...
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
462Kb / 23P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5010 NXP-MPX5010 Datasheet
561Kb / 24P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 13, 10/2012
MPX5010 NXP-MPX5010 Datasheet
758Kb / 32P
Integrated silicon pressure sensor on-chip signal conditioned, temperature compensated and calibrated
Rev. 14 - 17 May 2024
More results

Similar Description - MPX5010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com