Electronic Components Datasheet Search
  English  ▼

X  

OB2269 Datasheet(PDF) 6 Page - SYC Electronica

Part # OB2269
Description  PWM CONTROLL CURRENT MODE SMD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

OB2269 Datasheet(HTML) 6 Page - SYC Electronica

Back Button OB2269 Datasheet HTML 2Page - SYC Electronica OB2269 Datasheet HTML 3Page - SYC Electronica OB2269 Datasheet HTML 4Page - SYC Electronica OB2269 Datasheet HTML 5Page - SYC Electronica OB2269 Datasheet HTML 6Page - SYC Electronica OB2269 Datasheet HTML 7Page - SYC Electronica OB2269 Datasheet HTML 8Page - SYC Electronica OB2269 Datasheet HTML 9Page - SYC Electronica OB2269 Datasheet HTML 10Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©On-Bright Electronics
Confidential
A Liteon Semiconductor Company
- 6 -
V2.1
OB2268
OB2269
Current Mode PWM Controller
TD_OC
Over Current
Detection and
Control Delay
From Over Current Occurs
to GATE output turns off,
Sense voltage ramp at
0.15V/uS.
120
nSec
VTH_OC
Internal Current
Limiting Threshold
Voltage
VDD = 16V, I(VIN) =
55uA
0.86
V
Oscillator
FOSC
Normal Oscillation
Frequency
RI = 100 Kohm
60
65
70
KHZ
∆f_Temp
Frequency
Temperature
Stability
VDD = 16V, RI =
100Kohm, 0
oC to 85 oC
5
%
∆f_Volt
Frequency Voltage
Stability
VDD = 15-25V, RI =
100Kohm
5
%
RI_range
Operating RI Range
50
100
250
Kohm
V_RI_open
RI open load
voltage
2.0
V
F_BM
Burst Mode Base
Frequency
VDD = 16V, RI =
100Kohm
22
KHZ
Gate Drive Output
VOL
Output Low Level
VDD = 16V, Io = 20 mA
0.3
V
VOH
Output High Level
VDD = 16V, Io = 20 mA
11
V
VG_Clamp
Output Clamp
Voltage Level
18
V
T_r
Output Rising Time
VDD = 16V, CL = 1nf
120
nSec
T_f
Output Falling
Time
VDD = 16V, CL = 1nf
50
nSec
Over Temperature Protection
I_RT
Output Current of
RT pin
RI=100K
70
uA
VTH_OTP
OTP Threshold
Voltage
1.015
1.065
1.115
V
VTH_OTP_off
OTP Recovery
Threshold Voltage
1.165
V
TD_OTP
OTP De-bounce
Time
100
uSec
V_RT_Open
RT Pin Open
Voltage
RI=100K
3.5
V
Frequency Shuffling (OB2269 Only)
∆f_OSC
Frequency
Modulation range
/Base frequency
RI=100K
-5
5
%
f_Shuffling
Shuffling
Frequency
RI=100K
65
HZ
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com