Electronic Components Datasheet Search
  English  ▼

X  

TIP142 Datasheet(PDF) 2 Page - SYC Electronica

Part # TIP142
Description  Monolithic Construction With Built In Base- Emitter Shunt Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIP142 Datasheet(HTML) 2 Page - SYC Electronica

  TIP142 Datasheet HTML 1Page - SYC Electronica TIP142 Datasheet HTML 2Page - SYC Electronica TIP142 Datasheet HTML 3Page - SYC Electronica TIP142 Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
01
234
5
0
1
2
3
4
5
6
7
8
9
10
IB = 2000uA
IB = 1800uA
IB = 1600uA
IB = 1400uA
IB =
1200u
A
IB =
1000
uA
IB = 800uA
IB = 600uA
IB = 400uA
IB = 200uA
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
100
10
100
1k
10k
100k
VCE = 4V
IC[A], COLLECTOR CURRENT
0.1
1
10
100
0.01
0.1
1
10
IC=500IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
f=0.1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
1
10
100
1000
0.1
1
10
100
TIP141
TIP142
TIP140
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
255075
100
125
150
175
0
25
50
75
100
125
150
TC[
o
C], CASE TEMPERATURE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com