Electronic Components Datasheet Search
  English  ▼

X  

TIP142T Datasheet(PDF) 2 Page - SYC Electronica

Part # TIP142T
Description  NPN Epitaxial Silicon Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TIP142T Datasheet(HTML) 2 Page - SYC Electronica

  TIP142T Datasheet HTML 1Page - SYC Electronica TIP142T Datasheet HTML 2Page - SYC Electronica TIP142T Datasheet HTML 3Page - SYC Electronica TIP142T Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP140T
: TIP141T
: TIP142T
IC = 30mA, IB = 0
60
80
100
V
V
V
ICEO
Collector Cut-off Current
: TIP140T
: TIP141T
: TIP142T
VCE = 30V, IB = 0
VCE = 40V, IB = 0
VCE = 50V, IB = 0
2
2
2
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP140T
: TIP141T
: TIP142T
VCB = 60V, IE = 0
VCB = 80V, IE = 0
VCB = 100V, IE = 0
1
1
1
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = 5V, IC = 0
2
mA
hFE
DC Current Gain
VCE = 4V, IC = 5A
VCE =4V, IC = 10A
1000
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 5A, IB = 10mA
IC = 10A, IB = 40mA
2
3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10A, IB = 40mA
3.5
V
VBE(on)
Base-Emitter On Voltage
VCE = 4V, IC = 10A
3
V
tD
Delay Time
VCC = 30V, IC = 5A
IB1 = 20mA
IB2 = -20mA
RL = 6Ω
0.15
µs
tR
Rise Time
0.55
µs
tSTG
Storage Time
2.5
µs
tF
Fall Time
2.5
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com