Electronic Components Datasheet Search
  English  ▼

X  

DS1810 Datasheet(PDF) 4 Page - TT Electronics.

Part # DS1810
Description  Miniature Control Valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS1810 Datasheet(HTML) 4 Page - TT Electronics.

  DS1810 Datasheet HTML 1Page - TT Electronics. DS1810 Datasheet HTML 2Page - TT Electronics. DS1810 Datasheet HTML 3Page - TT Electronics. DS1810 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS1810
Page 4 of 4
TRIM SIZING FORMULAE
The tabulation gives the Cv and Kv values for each Trim size, as calculated according to the formulae below:
NOTE:
Liquid formula applies only to clean, bubble free liquid with no cavitation or flashing and with Reynolds Number 100,000 minimum.
US UNITS
Cv
=
Q
Q=
Flow US GPM
G=
Specific Gravity (H20=1)
∆P=
Pressure Drop, psi
Cv
=
Q
60
Q
=
Flow, SCFH
G=
Specific Gravity (Air=1)
T=
Temperature, ºK
P=
Inlet Pressure psia
∆P=
Pressure Drop psi
G
∆P
293 P ∆P
GT
SI UNITS
Kv
=
Q
Q=
Flow m
3
/h
G=
Relative Density (H20=1)
∆P=
Pressure Drop bar
Kv
=
Q
29
Q
=
Flow Nm
3
/h
G=
Relative Density (Air=1)
T=
Temperature ºK
P=
Inlet Pressure, bar abs
∆P=
Pressure Drop, bar
G
∆P
293 P ∆P
GT
LIQUIDS
GASES
Cv MAX
3.0
2.0
1.25
0.8
0.5
0.32
0.2
0.13
0.08
0.05
0.03
0.02
0.01
0.006
0.003
0.002
0.0013
0.001
0.0006
0.0004
0.00027
0.00018
0.00012
0.00008
Kv MAX
2.6
1.7
1.1
0.7
0.43
0.27
0.17
0.11
0.07
0.04
0.026
0.017
0.0086
0.0052
0.0026
0.0017
0.0011
0.00086
0.00052
0.00034
0.00023
0.00015
0.0001
0.00007
TRIM
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
Valve Size
A
B
C
1/4”
54 50 15
1/2”
70 73 25
DIMENSIONS
C
B
Topworks Air-to-Close
A
150mm Ø
Topworks Air-to-Open
150mm Ø
2 Downgate Drive, Sheffield, S4 8BT, England
Tel: +44(0)114 244 2521
Fax: +44(0)114 243 4838
email: sales@roxspur.com
www.roxspur.com
Every effort has been made during the preparation of this document to ensure the accuracy of statements and specifications. However, we do not accept liability for damage, injury, loss or
expense caused by errors or omissions made. We reserve the right to withdraw or amend products or documentation without notice.
Head Office: 2 Downgate Drive, Sheffield, S4 8BT, England
Tel: +44(0)114 244 2521
Fax: +44(0)114 243 4838



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com