Electronic Components Datasheet Search
  English  ▼

X  

EN05 Datasheet(PDF) 2 Page - TT Electronics.

Part # EN05
Description  5 mm Encoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EN05 Datasheet(HTML) 2 Page - TT Electronics.

  EN05 Datasheet HTML 1Page - TT Electronics. EN05 Datasheet HTML 2Page - TT Electronics. EN05 Datasheet HTML 3Page - TT Electronics. EN05 Datasheet HTML 4Page - TT Electronics. EN05 Datasheet HTML 5Page - TT Electronics. EN05 Datasheet HTML 6Page - TT Electronics. EN05 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5 mm Encoder
EN05 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 2
Encoder Characteristics
Environmental Characteristics
TA = 25°C unless otherwise noted
Rotation
360º continuous
Rotational Torque
10-80 gf.cm
Detents per Rotation
12
Detent Torque
42 ±38 gf.cm
Rotational Life
100,000 Cycles Min.
TA = 25°C unless otherwise noted
Operating Temperature
-40°C to +85°C
IP Rating
IP 40
Soldering Condition
Wave/Reflow Soldering 260°C maximum for 1-3 seconds
Hand Soldering 350°C maximum for 3 seconds
RoHS
Please refer to TT Electronics website
REACH
Please refer to TT Electronics website
Ordering
EN05 HS 12
12
N
HH
Part Family
Style
HS = Top Adjust, Surface Mount
VS = Side Adjust, Surface Mount
VT = Side Adjust, Thru Hole
Pulses/360°
12 = 12 pulses
Detent/Rotation
12 = 12/360°
Switch Option
N = No Switch
Shaft Style
HH = Hollow Hex Shaft



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com