Electronic Components Datasheet Search
  English  ▼

X  

EN18AB Datasheet(PDF) 2 Page - TT Electronics.

Part # EN18AB
Description  18 mm Absolute Encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

EN18AB Datasheet(HTML) 2 Page - TT Electronics.

  EN18AB Datasheet HTML 1Page - TT Electronics. EN18AB Datasheet HTML 2Page - TT Electronics. EN18AB Datasheet HTML 3Page - TT Electronics. EN18AB Datasheet HTML 4Page - TT Electronics. EN18AB Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
18 mm Absolute Encoder
EN18AB Series
General Note
TT Electronics reserves the right to make changes in product specification
without notice or liability. All information is subject to TT Electronics’ own data
and is considered accurate at time of going to print.
© TT electronics plc
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev A 02/2022 Page 2
Environmental Characteristics
TA = 25°C unless otherwise noted
Operating Temperature
-20°C to +85°C
IP Rating
IP51 (EN18ABHH), IP 67 (EN18ABHB)
Soldering Condition
Wave/Reflow Soldering 260°C maximum for 1-3 seconds
Hand Soldering 350°C maximum for 3 seconds
RoHS
Please refer to TT Electronics website
REACH
Please refer to TT Electronics website
Ordering
EN18AB HH
2
2
H
0
H
0
Part Family
Style
HH = Top Adjust, Hollow Shaft
HB = Top Adjust, Plain Bushing
Positions
1 = 16 positions (HB style only)
2 = 24 positions (HH style only)
Detents
1 = 16 (for 16 positions only)
2 = 24 (for 24 positions only)
Bushing Length
A = 5 mm (plain bushing only)
H = No Bushing
Start Position - 0
Shaft Type (see Outline Drawings)
Shaft Length (see Outline Drawings)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com