Electronic Components Datasheet Search
  English  ▼

X  

HM222 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM222
Description  Planar Transformer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM222 Datasheet(HTML) 1 Page - TT Electronics.

  HM222 Datasheet HTML 1Page - TT Electronics. HM222 Datasheet HTML 2Page - TT Electronics. HM222 Datasheet HTML 3Page - TT Electronics. HM222 Datasheet HTML 4Page - TT Electronics. HM222 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Planar Transformer
HM222-24VLF
© TT electronics plc
Issue A
05/2023 Page 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api, 25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph: +60 9 565 8888
https://www.ttelectronics.com/contact-us/
Description:
The planar transformer is a SMD transformer with 280W full-bridge hybrid planar transformer for avionics, industrial control
and alternative energy control applications. It is a low profile and high frequency transformer used in switch mode power
supplies operating up to 300kHz.
Applications:
•
Switch mode power supplies
•
Full-bridge/half-bridge converters up to 280W
•
Industrial control, and alternative energy applications
•
Markets include avionics, industrial, military, medical, etc.
Features:
•
-40°C to +130°C temperature range
•
Operating frequency up to 300kHz
•
110V to 240V operation, 24V 12A output
•
Surface Mount Device (SMD)
•
RoHS compliant


Similar Part No. - HM222

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM2222A HSMC-HM2222A Datasheet
38Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HM222

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B0853-AL COILCRAFT-B0853-AL Datasheet
136Kb / 1P
Planar Transformer
C1539 COILCRAFT-C1539_11 Datasheet
189Kb / 1P
Planar Transformer
B0860 COILCRAFT-B0860_15 Datasheet
263Kb / 1P
Planar Transformer
RA6998 COILCRAFT-RA6998_14 Datasheet
174Kb / 1P
Planar Transformer
HA3648 COILCRAFT-HA3648_15 Datasheet
255Kb / 1P
Planar Transformer
JA4309 COILCRAFT-JA4309_16 Datasheet
128Kb / 1P
Planar Transformer
PA6605 COILCRAFT-PA6605_16 Datasheet
237Kb / 1P
Planar Transformer
logo
Allied Components Inter...
AEE32-4236 ALLIED-AEE32-4236 Datasheet
1,012Kb / 2P
Planar Transformer
logo
Dongguan Mentech Optica...
TPEIR30-0067SG MNC-TPEIR30-0067SG Datasheet
255Kb / 1P
PLANAR TRANSFORMER
TPEIR34-0066SG MNC-TPEIR34-0066SG Datasheet
172Kb / 1P
PLANAR TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com