Electronic Components Datasheet Search
  English  ▼

X  

OP602TXV Datasheet(PDF) 2 Page - TT Electronics.

Part # OP602TXV
Description  High Reliability NPN Silicon Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP602TXV Datasheet(HTML) 2 Page - TT Electronics.

  OP602TXV Datasheet HTML 1Page - TT Electronics. OP602TXV Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
High Reliability NPN Silicon Phototransistor
OP604TXV, OP604S
Obsolete (OP602(TX,TXV), OP603 (TX, TXV), OP604TX)
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev D 07/2022 Page 2
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-65° C to +150° C
Operating Temperature Range
-55° C to +125° C
Collector-Emitter Voltage
50 V
Emitter-Collector Voltage
7.0 V
Soldering Temperature (5 seconds with soldering iron)
(1)
260° C
Power Dissipation
(2)
50 mW
Electrical Characteristics (TA = 25° C unless otherwise noted)
Input Diode
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IC(ON)
On-State Collector Current
OP604TXV, OP604S
7
-
-
mA
VCE = 5.0 V, EE = 20 mW/cm
2(3)(4)
ICEO
Collector Dark Current
-
-
25
nA
VCE = 10.0 V, EE = 0
-
-
100
µA
VCE = 30.0 V, EE = 0 TA = 100° C
V(BR)CEO
Collector-Emitter Breakdown Voltage
50
-
-
V
IC= 100 µA, EE = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
7
-
-
V
IC= 100 µA, EE = 0
VCE(SAT)
Collector-Emitter Saturation Voltage
-
-
0.4
V
IC = 0.4 mA, EE = 20 mW/cm
2(3)(4)
tf
Rise Time
-
-
20
VCC = 30 V, IC = 1.00 mA,
RL = 100 Ω
(2)(3)(4)
µs
tr
Fall Time
-
-
20
Notes:
(1)
Refer to Application Bulleting 202, which discusses proper techniques for soldering pill-type devices to PCBoards.
(2)
No clean or low solids. RMA flux is recommended. Duration can be extended to 10 seconds maximum when wave soldering.
(3)
Derate linearly 0.5 mW/° C above 25° C.
(4)
Junction temperature maintained at 25° C.
(5)
Light source is an unfiltered tungsten lamp operating at CT=2870 K or equivalent source.
Electrical Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com