Electronic Components Datasheet Search
  English  ▼

X  

OP266W Datasheet(PDF) 4 Page - TT Electronics.

Part # OP266W
Description  Plastic Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP266W Datasheet(HTML) 4 Page - TT Electronics.

  OP266W Datasheet HTML 1Page - TT Electronics. OP266W Datasheet HTML 2Page - TT Electronics. OP266W Datasheet HTML 3Page - TT Electronics. OP266W Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Plastic Infrared Emitting Diode
OP265 (A, B), OP266 (A, B, D, W)
Obsolete (OP265D, OP265W)
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev G 05/2022 Page 4
Performance
OP265 (A, B), OP266 (A, B, D, W)
Forward Voltage vs Forward Current vs
Temperature
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
10
20
30
40
50
60
70
80
90
100
Forward Current (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120°C
Optical Power vs IF vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70
80
90
100
Forward Current IF (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Normalized at 50 mA and 20° C
Relative Radiant Intensity vs. Angular
Displacement
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-20
-15
-10
-5
0
5
10
15
20
Angular Displacement (Degrees)
Distance vs Output Power vs Forward Current
0
1
2
3
4
5
6
0.2 '' 0.4 '' 0.6 '' 0.8 '' 1.0 '' 1.2 '' 1.4 '' 1.6 '' 1.8 '' 2.0 ''
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
90 mA
100 mA
Normalized at 1" and 50 mA
Forward Current
-40
-30
-20
-10
0
10
20
30
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com