Electronic Components Datasheet Search
  English  ▼

X  

OPB660 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB660
Description  Slotted Optical Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB660 Datasheet(HTML) 2 Page - TT Electronics.

  OPB660 Datasheet HTML 1Page - TT Electronics. OPB660 Datasheet HTML 2Page - TT Electronics. OPB660 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Slotted Optical Switch
OPB660N
Obsolete (OPB660T)
© TT electronics plc
Rev B
05/2022
Page 2
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Electrical Specifications
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage & Operating Temperature Range
-40° C to +100° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from the case for 5 sec. with soldering iron]
(1)
260° C
Input Diode
Forward DC Current
50 mA
Peak Forward Current (1 μs pulse width, 300 pps)
1 A
Reverse DC Voltage
3 V
Power Dissipation
(2)
100 mW
Output Phototransistor
Collector-Emitter Voltage
24 V
Collector DC Current
30 mA
Power Dissipation
(3)
200 mW
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
-
-
1.6
V
IF = 10 mA
IR
Reverse Current
-
-
100
µA
VR = 3 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
24
-
-
V
ICE = 100 µA
BVECO
Emitter Reverse Breakdown Voltage
0.4
-
-
V
IEC = 100 µA
ICEO
Collector-Emitter Dark Current
-
-
100
µA
VCE = 5 V
Combined
VSAT
Collector-Emitter Saturation Voltage
-
-
0.4
V
IF = 10 mA, IC = 100 µA, (gap unblocked)
IC(ON)
On-State Collector Current
600
-
-
µA
IF = 10 mA, VCE = 5 V
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum of 20 grams force may be ap-
plied to leads when soldering.
(2)
Derate linearly 1.33 mW/° C above 25° C.
(3)
Derate linearly 2.0 mW/° C above 25° C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com