Electronic Components Datasheet Search
  English  ▼

X  

OPB733 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB733
Description  Reflective Object Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB733 Datasheet(HTML) 4 Page - TT Electronics.

  OPB733 Datasheet HTML 1Page - TT Electronics. OPB733 Datasheet HTML 2Page - TT Electronics. OPB733 Datasheet HTML 3Page - TT Electronics. OPB733 Datasheet HTML 4Page - TT Electronics. OPB733 Datasheet HTML 5Page - TT Electronics. OPB733 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Reflective Object Sensor
Forw ard Voltage Vs Ambient Temperature
1.0
1.1
1.2
1.3
1.4
1.5
-40°
-20°
0°
+20°
+40°
+60°
+80°
+100°
TA - Ambient Temperature - °C
Test Co nditio ns:
IF = 20mA DC
Normalized Collector Current Vs Ambient
Temperature
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
-40 -30 -20 -10
0
10
20 30 40
50 60
70 80
90 100
TA - Ambient Temperature - °C
Normalized to:
IF = 20mA
VCE = 5 V
d = 0.5 inches [12.7mm]
See Note 1and 2
Normalized Collector Current Vs Object Distance
0%
20%
40%
60%
80%
100%
120%
140%
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
Distance to Reflective Surface - Inches
IF = 20mA
VCE = 5 V
No rmalized to d = 0.5 inches[12.7mm]
See no tes 1and 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com