Electronic Components Datasheet Search
  English  ▼

X  

53272E Datasheet(PDF) 2 Page - Micropac Industries

Part # 53272E
Description  POWER MOSFET OPTOCOUPLER 90V - 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53272E Datasheet(HTML) 2 Page - Micropac Industries

  53272E Datasheet HTML 1Page - Micropac Industries 53272E Datasheet HTML 2Page - Micropac Industries 53272E Datasheet HTML 3Page - Micropac Industries 53272E Datasheet HTML 4Page - Micropac Industries 53272E Datasheet HTML 5Page - Micropac Industries 53272E Datasheet HTML 6Page - Micropac Industries 53272E Datasheet HTML 7Page - Micropac Industries 53272E Datasheet HTML 8Page - Micropac Industries 53272E Datasheet HTML 9Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
5/19/06 Rev F
Pg. 2 of 9
53272
Power MOSFET Optocoupler
ABSOLUTE MAXIMUM RATINGS:
Storage Temperature Range ..……………………………………………………….........……............... -65°C to +150°C
Operating Ambient Temperature - TA ...................…………………………………………..….…..….. -55°C to +125°C
Junction Temperature - TJ ..............................……………………………………………...…….......….........…. +150°C
Operating Case Temperature - Tc .....................………………………………………...……….……............ +145°C
(2)
Lead Solder Temperature for 10 seconds .......................………………………………………....…….............. +260°C
(1.6 mm below seating plane)
Average Input Current - IF ....................…...……………………………………………..……..........…............... 20 mA
Peak Repetitive Input Current - IFpk .............…………………………………...…………………........…............. 40 mA
(Pulse width < 100 ms; duty cycle < 50%)
Peak Surge Input Current - IFpk surge .............……………………………………………………….................. 100 mA
(Pulse width < 0.2 ms; duty cycle < 0.1%)
Reverse Input Voltage - VR ................................…………………………..……………………………..................... 5 V
Average Output Current
Connection A - IO ........................…………………………..…………………..……….................................... 1.0 A
(1)
Connection B - IO ..............................................………..………………………..……………………............ 2.0 A
(1)
Average Output Current, derated per Figure 3
Connection A - IO .......................................…………………………………………..……………..................... 0.8 A
Connection B - IO ........................................……………………………………………………..….................... 1.6 A
Single Shot Output Current - Figure 4
Connection A - IOpk surge (Pulse width < 10 ms) ........………………………………………..…...…………...... 4 A
Connection B - IOpk surge (Pulse width < 10 ms) .........………………………………………..………………..... 8 A
Output Voltage
Connection A - VO .........................……………………………………………………..……..…......... –90 V to +90 V
Connection B - VO ............................…...……………………………………………………….............. 0 V to +90 V
Average Output Power Dissipation - Figure 5 ........………………………………………….…………….... 800 mW
(3)
RECOMMENDED OPERATING CONDITIONS:
Parameter
Symbol
Min.
Max.
Units
Input Current (ON)
IF (ON)
5
20
mA
Input Voltage (OFF)
VF (OFF)
0
0.6
VDC
Operating
Temperature
TA
-55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com