Electronic Components Datasheet Search
  English  ▼

X  

LEJ Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # LEJ
Description  Hydraulic-Magnetic Circuit Breakers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEJ Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

Back Button LEJ Datasheet HTML 2Page - Sensata Technologies, Inc. LEJ Datasheet HTML 3Page - Sensata Technologies, Inc. LEJ Datasheet HTML 4Page - Sensata Technologies, Inc. LEJ Datasheet HTML 5Page - Sensata Technologies, Inc. LEJ Datasheet HTML 6Page - Sensata Technologies, Inc. LEJ Datasheet HTML 7Page - Sensata Technologies, Inc. LEJ Datasheet HTML 8Page - Sensata Technologies, Inc. LEJ Datasheet HTML 9Page - Sensata Technologies, Inc. LEJ Datasheet HTML 10Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LEJ & LEJA Series - Configurations
137
http://airpax.sensata.com
NOTES:
1.
All mounting inserts shall be utilized when panel
mounting circuit breakers. Panel mounting
screws shall have recommended torque applied:
6/32 mounting inserts 6 - 8 inch pounds.
M3 mounting inserts 4 - 5 inch pounds.
2.
Panel mounting screws shall not extend beyond
back of mounting panel more than specied
mounting insert depth.
3.
Mounting detail tolerance:
± 0.005 [0.13] unless noted.
PANEL MOUNT CUTOUT - 1 POLE
PANEL MOUNT CUTOUT - 2 POLE, 1 HANDLE
SINGLE POLE
TWO POLE
0.590
Ø
[14.99]
MAX
1.660
[42.16]
2x 6-32THREAD
0.140 [3.56] DEEP
(M3 ISOTHREAD
OPTIONAL)
OPTIONAL, HANDLE MAY BE IN
POLE 1 INSTEAD OF POLE 2
BARRIER REMOVED FOR CLARITY
1.660
[42.16]
1.050
[26.67]
1.660
[42.16]
1.050
[26.67]
0.767
[19.48]
0.625
Ø
15.88 +0.25
-0.00
+.010
-0.00
0.625
Ø
15.88 +0.25
-0.00
+.010
-0.00
0.156
Ø
[3.96]
2x
0.156
Ø
[3.96]
4x
0.070
[1.78]
2.960
[75.18]
0.255
[6.48]
1.734
[44.03]
ON
OFF
1.687
[42.85]
0.690
[17.53]
0.750
[19.05]
3.663
[93.04]
1.515
[38.48]
3.455
[87.76]
0.735
[18.67]
1.760
[44.70]
0.240
[6.10]
32º
32º
3.663
[93.04]
2.250
[57.15]
1.220
[30.99]
FLERXIBLE
BARRIER
1.028
[26.11]
LINE
LINE
CONFIGURATIONS: LEJA, TOGGLE HANDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com