Electronic Components Datasheet Search
  English  ▼

X  

LS240D12 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # LS240D12
Description  PCB MOUNT SOLID STATE RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LS240D12 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  LS240D12 Datasheet HTML 1Page - Sensata Technologies, Inc. LS240D12 Datasheet HTML 2Page - Sensata Technologies, Inc. LS240D12 Datasheet HTML 3Page - Sensata Technologies, Inc. LS240D12 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
Description
LS
LSE
Control Voltage Range
4-10 VDC
20-28 VDC
Must Turn-On Voltage
4.0 VDC
20 VDC
Must Turn-Off Voltage
1.0 VDC
1.0 VDC
Typical Input Current @ Nominal Voltage
15 mA
15 mA
Minimum Input Current
7.0 mA
7.0 mA
Nominal Input Impedance
270 Ohms
1500 Ohms
Nominal Input Impedance
Current Regulated
Current Regulated
Maximum Turn-On Time [msec]
1/2 cycle
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60 Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-30 to 80˚C
Ambient Storage Temperature Range
-30 to 125˚C
Weight (typical)
0.6 oz (17 g)
Encapsulation
Thermally Conductive Epoxy
INPUT SPECIFICATIONS(A)
GENERAL SPECIFICATIONS (A)
THERMAL DERATE INFORMATION
8
6
4
2
20
30
40
50
60
70
80
0
AmbientTemperature (”C)
8 Amp
4ºC/W
8ºC/W
10ºC/W
6ºC/W
No Heatsink
12 Amp
4ºC/W
8ºC/W
10ºC/W
6ºC/W
No Heatsink
12
10
6
8
4
2
10
20
30
40
50
60
70
80
0
AmbientTemperature (”C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com