Electronic Components Datasheet Search
  English  ▼

X  

LTO30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LTO30
Description  30 Watt Power Resistor Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO30 Datasheet(HTML) 1 Page - Vishay Siliconix

  LTO30 Datasheet HTML 1Page - Vishay Siliconix LTO30 Datasheet HTML 2Page - Vishay Siliconix LTO30 Datasheet HTML 3Page - Vishay Siliconix LTO30 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For technical questions, contact sfer@vishay.com
Document Number: 50049
Revision 30-May-06
www.vishay.com
14
LTO 30
Vishay Sfernice
Resistance Range
0.010
Ω to 550 kΩ
Tolerances (Standard)
± 1 % to ± 10 %
Dissipation and Associated
Onto a heatsink
Power Rating
30 W at + 25 °C (case temperature)
and Thermal Resistance
RTH (j-c): 4.2 °C/W
of the component
free air:
2.25 W at + 25 °C
Temperature Coefficient
See Performance table
Standard
± 150 ppm/°C
Limiting Element Voltage
250 V
Dielectric Strength
1500 VRMS - 1 minute - 10 mA max.
MIL STD 202
Insulation Resistance
≥ 10
4 MΩ
Inductance
≤ 0.1 µH
Critical Resistance
2.08 k
Ω
ELECTRICAL SPECIFICATIONS
30 Watt Power Resistor Thick Film Technology
FEATURES
• 30 Watt at 25 °C Case Temperature Heatsink
Mounted
• Direct mounting ceramic on heatsink
• Broad Resistance Range: R010 to 550K
• Non Inductive
• TO-220 package: Compact and easy to mount
• RoHS compliant
• Isolated case
• Tolerance unless otherwise specified: ± 0.3 mm
DIMENSIONS in millimeters
MECHANICAL SPECIFICATIONS
Mechanical Protection
Molded
Resistive Element
Thick Film
Substrate
Alumina
Connections
Tinned Copper
Weight
2 g max.
Mounting Torque
1N-m
DIMENSIONS
Standard Package
TO-220
Isolated case
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 150 °C
Climatic Category
55/155/56
3.2
16.2
10.4
1.8
5.08
0.6
3.5
1.3
0.8
12.7
3.2
Ø3.2
LTO series are the extension of RTO types. We used the direct
ceramic mounting design (no metal tab) of our RCH power
resistors applied to semiconductor packages.
RoHS
COMPLIANT


Similar Part No. - LTO30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LTO30 VISHAY-LTO30_15 Datasheet
87Kb / 5P
30 W Power Resistor Thick Film Technology
01-Aug-13
More results

Similar Description - LTO30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
Power Resistor, Thick Film Technology
14-Jan-05
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO030F47R00JTE3 VISHAY-LTO030F47R00JTE3 Datasheet
94Kb / 5P
30 W Power Resistor Thick Film Technology
01-Aug-13
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
Power Resistor Thick Film Technology
16-Oct-08
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
Power Resistor Thick Film Technology
22-Jan-14
LTO30 VISHAY-LTO30_15 Datasheet
87Kb / 5P
30 W Power Resistor Thick Film Technology
01-Aug-13
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
Power Resistor Thick Film Technology
09-Dec-15
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
Power Resistor Thick Film Technology
08-Dec-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com