Electronic Components Datasheet Search
  English  ▼

X  

M50 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # M50
Description  POWER MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

M50 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  M50 Datasheet HTML 1Page - Sensata Technologies, Inc. M50 Datasheet HTML 2Page - Sensata Technologies, Inc. M50 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
CIRCUIT DIAGRAMS
Page 2
1
3
AC1
G1
G2
AC
AC2
G2
G1
-
+
AC
G1
G2
-
+
+
-
G2
G1
AC1
AC2
-
+
2
AC2
AC1
G3
G2
G1
G4
-
+
+
--
G2
G4
AC1
AC2
G1
G3
4
AC
G2
-
+
G2
AC
-
+
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
Page 2
1
3
AC1
G1
G2
AC
AC2
G2
G1
-
+
AC
G1
G2
-
+
+
-
G2
G1
AC1
AC2
-
+
2
AC2
AC1
G3
G2
G1
G4
-
+
+
--
G2
G4
AC1
AC2
G1
G3
4
AC
G2
-
+
G2
AC
-
+
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
Series
M50
Load Current
50: 50 Amps
100: 100 Amps
Circuit Type
1 3 5 8
(See schematic diagrams)
AC Line Voltage
2: 240 VAC
3: 280 VAC
5: 480 VAC
Free Wheeling Diode
Blank: Not Included
F: Included (Circuit 1 only)
External Suppressor
Blank: Not included
V: Include (Circuits 1 & 3 only)
ORDERING OPTIONS
Example : M505012FV
M50
50
1
2
F
V
Required for valid part number
For options only and not required for valid part number
5
3
1
8
NOTE: Not all combinations are available.
Consult factory for information on the availability of a specific part number.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com