Electronic Components Datasheet Search
  English  ▼

X  

DC-080 Datasheet(PDF) 1 Page - Coherent Corp

Part # DC-080
Description  High-Power CO2 Slab Laser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

DC-080 Datasheet(HTML) 1 Page - Coherent Corp

  DC-080 Datasheet HTML 1Page - Coherent Corp DC-080 Datasheet HTML 2Page - Coherent Corp DC-080 Datasheet HTML 3Page - Coherent Corp DC-080 Datasheet HTML 4Page - Coherent Corp DC-080 Datasheet HTML 5Page - Coherent Corp DC-080 Datasheet HTML 6Page - Coherent Corp DC-080 Datasheet HTML 7Page - Coherent Corp DC-080 Datasheet HTML 8Page - Coherent Corp DC-080 Datasheet HTML 9Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CO2 Lasers
Coherent DC Series high-power CO2 lasers offer an unmatched combination of economy and reliability for a variety of
materials processing tasks, including cutting, welding, and surface treatment. Plus, their far infrared output wavelength
makes them compatible with a wide range of materials, including metals, wood, plastics, textiles, paper and carbon fiber
reinforced polymers (CFRPs).
These lasers employ a slab discharge design, which is unique and enables output characteristics superior to that of lasers
based on flow construction. The sealed, slab discharge configuration avoids optics contamination, and eliminates the
complexity, cost, and reliability issues of turbines for gas recirculation. All this means the DC Slab series offers low operating
costs, market-leading reliability, along with long lifetimes of components and the laser itself.
High-Power CO2 Slab Laser
DC SERIES
FEATURES
MARKETS AND APPLICATIONS
• Output power: 1000 to 8000 Watts
• Wavelength 10.6 μm
• Gaussian beam profile with M² <1.05
• Excellent laser power and beam point stability
• Minimal gas consumption due to diffusion cooling
• Low service requirements
• Compact version available: laser head and control cabinet
combined in one unit
• Automotive:
- Cutting of airbags, plastics, and interior
- Scoring of dashboards
• Packaging:
- Cutting of die boards
- Direct laser cutting of corrugated boards
• Semicon:
- Wafer annealing
• Precision manufacturing:
- Surface treatments of glass and solar cells
- Welding
- Cutting of metal, wood, plastics, CFRP


Similar Part No. - DC-080

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DC-005-2.1 AGELECTRONICA-DC-005-2.1 Datasheet
253Kb / 1P
Plug DC 2.1 x 5.5 x 14mm
14/FEB/08
DC-005-2.1R AGELECTRONICA-DC-005-2.1R Datasheet
359Kb / 2P
CONECTOR JACK PARA PLUG-2.1mm
10/01/2020
DC-025M AGELECTRONICA-DC-025M Datasheet
234Kb / 1P
JACK DE 5.5mm CON PIN DE 2.1mm
13/01/2020
logo
Kingbright Corporation
DC-05GWA KINGBRIGHT-DC-05GWA Datasheet
594Kb / 6P
BAR GRAPH 5 SEGMENT
REV NO: V.7A
More results

Similar Description - DC-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
Hamamatsu Corporation
T11722-01 HAMAMATSU-T11722-01_15 Datasheet
167Kb / 4P
For CO2 concentration measurement High sensitivity
logo
Zhengzhou Winsen Electr...
MG-812 WINSEN-MG-812 Datasheet
534Kb / 6P
Low Power-Consumption CO2 Sensor
logo
Infineon Technologies A...
PASCO2 INFINEON-PASCO2 Datasheet
1Mb / 22P
XENSIVTM PAS CO2
V 1.0 2022-01-17
logo
Greystone Energy System...
TSSL GREYSTONE-TSSL Datasheet
205Kb / 2P
SLAB TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com