Electronic Components Datasheet Search
  English  ▼

X  

AMC60304 Datasheet(PDF) 4 Page - Texas Instruments

Part # AMC60304
Description  AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC60304 Datasheet(HTML) 4 Page - Texas Instruments

  AMC60304 Datasheet HTML 1Page - Texas Instruments AMC60304 Datasheet HTML 2Page - Texas Instruments AMC60304 Datasheet HTML 3Page - Texas Instruments AMC60304 Datasheet HTML 4Page - Texas Instruments AMC60304 Datasheet HTML 5Page - Texas Instruments AMC60304 Datasheet HTML 6Page - Texas Instruments AMC60304 Datasheet HTML 7Page - Texas Instruments AMC60304 Datasheet HTML 8Page - Texas Instruments AMC60304 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Feb-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
AMC60304YBHR
DSBGA
YBH
36
3000
180.0
8.4
2.71
2.71
0.6
4.0
8.0
Q1
AMC60304YBHT
DSBGA
YBH
36
250
180.0
8.4
2.71
2.71
0.6
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com