Electronic Components Datasheet Search
  English  ▼

X  

BQ2005 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ2005
Description  Fast- Charge IC for Dual- Bat tery Packs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2005 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ2005 Datasheet HTML 6Page - Texas Instruments BQ2005 Datasheet HTML 7Page - Texas Instruments BQ2005 Datasheet HTML 8Page - Texas Instruments BQ2005 Datasheet HTML 9Page - Texas Instruments BQ2005 Datasheet HTML 10Page - Texas Instruments BQ2005 Datasheet HTML 11Page - Texas Instruments BQ2005 Datasheet HTML 12Page - Texas Instruments BQ2005 Datasheet HTML 13Page - Texas Instruments BQ2005 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Recommended DC Operating Conditions (TA = 0 to +70°C)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
4.5
5.0
5.5
V
VCELL
BAT voltage potential
0
-
VCC
VVBAT -VSNS
VBAT
Battery input
0
-
VCC
V
VTEMP
TS voltage potential
0
-
VCC
VVTS -VSNS
VTS
Thermistor input
0
-
VCC
V
VTCO
Temperature cutoff
0.2 * VCC
-
0.4 * VCC
V
VIH
Logic input high
2.0
-
-
V
DCMDA, DVEN
Logic input high
VCC - 0.3
-
-
V
TM1,TM2
VIL
Logic input low
-
-
0.8
V
DCMDA, DVEN
Logic input low
-
-
0.3
V
TM1,TM2
VOH
Logic output high
VCC - 0.5
-
-
V
DISA, MODA,B,IOH
≤ -5mA
VOL
Logic output low
-
-
0.5
V
DISA, FCCA,B,CHA,B,
MODA,B,IOL
≤ 5mA
ICC
Supply current
-
1.0
3.0
mA
Outputs unloaded
IOH
DISA, MODA,B source
-5.0
-
-
mA
@VOH =VCC - 0.5V
IOL
DISA, FCCA,B, MODA,B,
CHA,B sink
5.0
-
-
mA
@VOL =VSS + 0.5V
IL
Input leakage
--
±1
µA
DVEN,V=VSS to VCC
-
-
-400
µA
DCMDA,V=VSS
IIL
Logic input low source
-
-
70.0
µA
TM1,TM2,
V=VSS to VSS + 0.3V
IIH
Logic input high source
-70.0
-
-
µA
TM1,TM2,
V=VCC - 0.3V to VCC
IIZ
TM1,TM2 tri-state open
detection
-2.0
-
2.0
µA
TM1,TM2 should be left dis-
connected (floating) for Z logic
input state.
IBAT
Input current to BATA,B
when battery is removed
-
-
-20
µA
VCC = 5.0V; TA = 25°C; input
should be limited to this cur-
rent when input exceeds VCC.
Note:
All voltages relative to VSS, except as noted.
bq2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com