Electronic Components Datasheet Search
  English  ▼

X  

BQ2005S Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2005S
Description  Fast- Charge IC for Dual- Bat tery Packs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2005S Datasheet(HTML) 2 Page - Texas Instruments

  BQ2005S Datasheet HTML 1Page - Texas Instruments BQ2005S Datasheet HTML 2Page - Texas Instruments BQ2005S Datasheet HTML 3Page - Texas Instruments BQ2005S Datasheet HTML 4Page - Texas Instruments BQ2005S Datasheet HTML 5Page - Texas Instruments BQ2005S Datasheet HTML 6Page - Texas Instruments BQ2005S Datasheet HTML 7Page - Texas Instruments BQ2005S Datasheet HTML 8Page - Texas Instruments BQ2005S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Pin Descriptions
DCMDA
Discharge-before-charge control input,
battery A
DCMDA controls the discharge-before-charge
function of the bq2005.
A negative-going
pulse on DCMDA initiates a discharge to
EDV followed by a charge if conditions allow.
By tying DCMDA to ground, automatic
discharge-before-charge is enabled on every
new charge cycle start.
DVEN
-
∆ Venable input
This input enables/disables -
∆ V charge termi-
nation. If DVEN is high, the -
∆ V test is en-
abled.
If DVEN is low, -
∆ V test is disabled.
The state of DVEN may be changed at any
time.
TM1–
TM2
Timer mode inputs
TM1 and TM2 are three-state inputs that con-
figure the fast charge safety timer, -
∆V hold-
off time, and that enhance/disable top-off.
See Table 2.
TCO
Temperature cutoff threshold input
Input to set maximum allowable battery
temperature.
If the potential between TSA
and SNSA or TSB and SNSB is less than the
voltage at the TCO input, then fast charge or
top-off charge is terminated for the corre-
sponding battery pack.
TSA,
TSB
Temperature sense inputs
Input, referenced to SNSA or SNSB, respec-
tively, for an external thermistor monitoring
battery temperature.
BATA,
BATB
Voltage inputs
The battery voltage sense input, referenced to
SNSA,B, respectively.
This is created by a
high-impedance resistor divider network con-
nected between the positive and the negative
terminals of the battery.
SNSA,
SNSB
Charging current sense inputs,
SNSA,B controls the switching of MODA,B
based on the voltage across a n external
sense resistor in the current path of the bat-
tery. SNS is the reference potential for the
TS and BAT pins.
If SNS is connected to
VSS, MOD switches high at the beginning of
charge and low at the end of charge.
DISA
Discharge control output
Push-pull output used to control an external
transistor to discharge battery A before
charging.
CHA,
CHB
Charge status outputs
Push-pull outputs indicating charging status
for batteries A and B, respectively. See Fig-
ure 1 and Table 2.
FCCA,
FCCB
Fast charge complete outputs
Open-drain outputs indicating fast charge
complete for batteries A and B, respectively.
See Figure 1 and Table 2.
MODA,
MODB
Charge current control outputs
MODA,B is a push-pull output that is used to
control the charging current to the battery.
MODA,B switches high to enable charging
current to flow and low to inhibit charging
current flow t o batteries A and B,
respectively.
VCC
VCC supply input
5.0 V, ±10% power input.
Vss
Ground
2
bq2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com