Electronic Components Datasheet Search
  English  ▼

X  

BQ2005STR.B Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2005STR.B
Description  Fast- Charge IC for Dual- Bat tery Packs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2005STR.B Datasheet(HTML) 4 Page - Texas Instruments

  BQ2005STR.B Datasheet HTML 1Page - Texas Instruments BQ2005STR.B Datasheet HTML 2Page - Texas Instruments BQ2005STR.B Datasheet HTML 3Page - Texas Instruments BQ2005STR.B Datasheet HTML 4Page - Texas Instruments BQ2005STR.B Datasheet HTML 5Page - Texas Instruments BQ2005STR.B Datasheet HTML 6Page - Texas Instruments BQ2005STR.B Datasheet HTML 7Page - Texas Instruments BQ2005STR.B Datasheet HTML 8Page - Texas Instruments BQ2005STR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
The valid battery voltage range is VEDV <VBAT <VMCV.
The valid temperature range is VHTF <VTEMP <VLTF,
where:
VLTF = 0.4
∗ VCC ± 30mV
VHTF = [(1/4
∗ VLTF) + (3/4 ∗ VTCO)] ± 30mV
VTCO is the voltage presented at the TCO input pin, and is
configured by the user with a resistor divider between VCC
and ground. The allowed range is 0.2 to 0.4
∗ VCC.
If the temperature of the battery is out of range, or the
voltage is too low, the chip enters the charge pending
state and waits for both conditions to fall within their al-
lowed limits. The MODA,B output is modulated to pro-
vide the configured trickle charge rate in the charge
pending state.
There is no time limit on the charge
pending state; the charger remains in this state as long
as the voltage or temperature conditions are outside of
the allowed limits. If the voltage is too high, the chip
goes to the battery absent state and waits until a new
charge cycle is started.
Fast charge continues until termination by one or more
of the five possible termination conditions:
Delta temperature/delta time (
∆T/∆t)
Negative delta voltage (-
∆ V)
Maximum voltage
Maximum temperature
Maximum time
4
bq2005
Fast Charging
Top-Off
(Optional)
T200501.eps
Dis-
charge
(Optional
Battery A)
Charge
Pending*
(Pulse-Trickle)
DISA
MODA,B
MODA,B
Discharge-Before-Charge started
or
Battery discharged to 0.475 * VCC. Battery outside
temperature/voltage limits.
Battery within temperature/voltage limits.
Pulse-Trickle
Switch-mode
Configuration
External
Regulation
CHA,B Status Output
FCCA,B Status Output
4s
4s
34s
34s
260 s
Note*
260 s
Note*
*See Table 3 for pulse-trickle period.
Figure 2. Charge Cycle Phases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com