Electronic Components Datasheet Search
  English  ▼

X  

CD74AC251 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74AC251
Description  CD74AC251 8-Input Multiplexer, Three-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC251 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC251 Datasheet HTML 1Page - Texas Instruments CD74AC251 Datasheet HTML 2Page - Texas Instruments CD74AC251 Datasheet HTML 3Page - Texas Instruments CD74AC251 Datasheet HTML 4Page - Texas Instruments CD74AC251 Datasheet HTML 5Page - Texas Instruments CD74AC251 Datasheet HTML 6Page - Texas Instruments CD74AC251 Datasheet HTML 7Page - Texas Instruments CD74AC251 Datasheet HTML 8Page - Texas Instruments CD74AC251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CD74AC251 8-Input Multiplexer, Three-State
1 Features
• Buffered inputs
• Typical propagation delay
– 6ns at VCC = 5V, TA = 25°C, CL = 50pF
• Exceeds 2kV ESD protection MIL-STD-883,
method 3015
• SCR-latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST™/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ±24mA output drive current
– Fanout to 15 FAST™ ICs
– Drives 50Ω transmission lines
2 Description
The CD74AC251 8-input multiplexers that utilize
the Harris Advanced CMOS Logic technology. This
multiplexer features both true (Y) and complement
(Y) outputs as well as an Output Enable (OE) input.
The OE must be at a LOW logic level to enable this
device. When the OE input is HIGH, both outputs are
in the high-impedance state. When enabled, address
information on the data select inputs determines
which data input is routed to the Y and Y outputs.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CD74AC251
D (SOIC, 16)
9.9mm × 6mm
9.9mm × 3.9mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Functional Diagram
CD74AC251
SCHS246A – AUGUST 1998 – REVISED AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74AC251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
8-Input Multiplexer, Three-State
CD74AC251 TI1-CD74AC251 Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
CD74AC251-MIL TI1-CD74AC251-MIL Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
CD74AC251E TI-CD74AC251E Datasheet
38Kb / 8P
8-Input Multiplexer, Three-State
CD74AC251E TI1-CD74AC251E Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
More results

Similar Description - CD74AC251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
8-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
Dual 4-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_07 Datasheet
428Kb / 15P
Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
Dual 4-Input Multiplexer, Three-State
CD74AC251 TI1-CD74AC251_14 Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com