Electronic Components Datasheet Search
  English  ▼

X  

CD4504B Datasheet(PDF) 6 Page - Texas Instruments

Part # CD4504B
Description  CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4504B Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4504B Datasheet HTML 2Page - Texas Instruments CD4504B Datasheet HTML 3Page - Texas Instruments CD4504B Datasheet HTML 4Page - Texas Instruments CD4504B Datasheet HTML 5Page - Texas Instruments CD4504B Datasheet HTML 6Page - Texas Instruments CD4504B Datasheet HTML 7Page - Texas Instruments CD4504B Datasheet HTML 8Page - Texas Instruments CD4504B Datasheet HTML 9Page - Texas Instruments CD4504B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
RECOMMENDED OPERATING CONDITIONS
DYNAMIC ELECTRICAL CHARACTERISTICS
CD4504B-EP
SCHS369 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
For maximum reliability, nominal operating conditions should be selected so that operation is always within the following
ranges:
CHARACTERISTIC
MIN
MAX
UNIT
VDD
Supply-voltage range (for TA = full package temperature range)
5
18
V
TA = 25°C, Input tr,tf = 20 ns, CL = 50 pF, RL = 200 Ω
LIMITS
VCC
VDD
CHARACTERISTIC
SHIFTING MODE
UNIT
(V)
(V)
TYP
MAX
5
10
140
280
TTL to CMOS
VDD > VCC
5
15
140
280
5
10
120
240
CMOS to CMOS
5
15
120
240
VDD > VCC
tPHL
Propagation delay: high-to-low,
ns
10
15
70
140
10
5
275
550
CMOS to CMOS
15
5
275
550
VCC > VDD
15
10
70
140
5
10
140
280
TTL to CMOS
VDD > VCC
5
15
140
280
5
10
120
240
CMOS to CMOS
5
15
120
240
VDD > VCC
tPLH
Propagation delay: low-to-high
ns
10
15
70
140
10
5
200
400
CMOS to CMOS
15
5
200
400
VCC > VDD
15
10
60
120
5
100
200
tTHL, tTLH
Transition time
All modes
10
50
100
ns
15
40
80
CIN
Input capacitance
Any input
5
7.5
pF
Figure 5. Quiescent Device Current
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CD4504B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com