Electronic Components Datasheet Search
  English  ▼

X  

CD74AC245 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74AC245
Description  CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC245 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74AC245 Datasheet HTML 3Page - Texas Instruments CD74AC245 Datasheet HTML 4Page - Texas Instruments CD74AC245 Datasheet HTML 5Page - Texas Instruments CD74AC245 Datasheet HTML 6Page - Texas Instruments CD74AC245 Datasheet HTML 7Page - Texas Instruments CD74AC245 Datasheet HTML 8Page - Texas Instruments CD74AC245 Datasheet HTML 9Page - Texas Instruments CD74AC245 Datasheet HTML 10Page - Texas Instruments CD74AC245 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Input tr, tf = 3ns, CL = 50pF (Worst Case). Over recommended operating free-air temperature range (unless otherwise noted)
(see Load Circuit and Voltage Waveforms)
PARAMETER
VCC (V)
-40°C TO 85°C
-55°C TO 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOLP
Maximum (Peak) VOL During
switching of other outputs
(output under test not
switching)
5
1 at 25°C
1 at 25°C
V
CO
Three-state output
capacitance
15
15
pF
CI
Input capacitance
10
10
pF
CPD
Power dissipation capacitance
57
57
pF
ACT TYPES
tPLH, tPHL
Propagation delay, data to
output
5
2.7
9.1
2.5
10
ns
tPLZ, tPHZ
Propagation delay, output
disable to output
5
3.7
12.7
3.5
14
ns
tPZL, tPZH
Propagation delay, output
enable to output
5
3.8
13.1
3.6
14.4
ns
VOHV
Minimum (Valley) VOH During
switching of other outputs
(output under test not
switching)
5
4 at 25°C
4 at 25°C
V
VOLP
Maximum (Peak) VOL During
switching of other outputs
(output under test not
switching)
5
1 at 25°C
1 at 25°C
V
CO
Three-state output
capacitance
15
15
pF
CI
Input capacitance
10
10
pF
CPD
Power dissipation capacitance
57
57
pF
1. Limits tested 100%
2. 3.3V Min is at 3.6V, Max is at 3V
3. 5V Min is at 5.5V, Max is at 4.5V
4. CPD is used to determine the dynamic power consumption per channel
• AC: PD = VCC2 fi (CPD + CL)
• ACT: PD = VCC2 fi (CPD + CL) + VCC ∆ ICC where fi = input frequency, CL = output load capacitance,
VCC = supply voltage
www.ti.com
CD54AC245, CD74AC245, CD54ACT245, CD74ACT245
SCHS245D – NOVEMBER 1998 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54AC245 CD74AC245 CD54ACT245 CD74ACT245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com