Electronic Components Datasheet Search
  English  ▼

X  

CDC516 Datasheet(PDF) 14 Page - Texas Instruments

Part # CDC516
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC516 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDC516 Datasheet HTML 10Page - Texas Instruments CDC516 Datasheet HTML 11Page - Texas Instruments CDC516 Datasheet HTML 12Page - Texas Instruments CDC516 Datasheet HTML 13Page - Texas Instruments CDC516 Datasheet HTML 14Page - Texas Instruments CDC516 Datasheet HTML 15Page - Texas Instruments CDC516 Datasheet HTML 16Page - Texas Instruments CDC516 Datasheet HTML 17Page - Texas Instruments CDC516 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
PACKAGE OUTLINE
C
8.3
7.9
TYP
1.2
1.0
46X 0.5
48X
0.27
0.17
2X
11.5
(0.15) TYP
0 - 8
0.15
0.05
0.25
GAGE PLANE
0.75
0.50
A
12.6
12.4
NOTE 3
B
6.2
6.0
4214859/B 11/2020
TSSOP - 1.2 mm max height
DGG0048A
SMALL OUTLINE PACKAGE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
1
48
0.08
C A B
25
24
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com