Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4351 Datasheet(PDF) 12 Page - Texas Instruments

Part # CD54HC4351
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC4351 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD54HC4351 Datasheet HTML 8Page - Texas Instruments CD54HC4351 Datasheet HTML 9Page - Texas Instruments CD54HC4351 Datasheet HTML 10Page - Texas Instruments CD54HC4351 Datasheet HTML 11Page - Texas Instruments CD54HC4351 Datasheet HTML 12Page - Texas Instruments CD54HC4351 Datasheet HTML 13Page - Texas Instruments CD54HC4351 Datasheet HTML 14Page - Texas Instruments CD54HC4351 Datasheet HTML 15Page - Texas Instruments CD54HC4351 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
FIGURE 9. TYPICAL ON RESISTANCE vs INPUT SIGNAL VOLTAGE
Typical Performance Curves (Continued)
130
120
110
100
90
80
70
60
50
40
30
20
10
123
456789
INPUT SIGNAL VOLTAGE, VIS (V)
VCC - VEE = 4.5V
VCC - VEE = 6V
VCC - VEE = 9V
0
0
Analog Test Circuits
FIGURE 10. CROSSTALK BETWEEN TWO SWITCHES TEST CIRCUIT
FIGURE 11. FREQUENCY RESPONSE TEST CIRCUIT
FIGURE 12. TOTAL HARMONIC DISTORTION TEST CIRCUIT
VCC
VIS
0.1
µF
RC
VCC/2
VOS1
SWITCH
ON
VCC
VCC/2
R
RC
VCC/2
VOS2
SWITCH
OFF
dB
METER
VIS
fIS = 1MHz SINEWAVE
R = 50
Ω
C = 10pF
R
VCC
VIS
0.1
µF
50
Ω
10pF
VCC/2
VOS
SWITCH
ON
dB
METER
VCC
VIS
10
µF
10k
Ω
50pF
VCC/2
VOS
SWITCH
ON
DISTORTION
METER
VI = VIH
fIS = 1kHz TO 10kHz
VIS
SINE
WAVE
CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com