Electronic Components Datasheet Search
  English  ▼

X  

APC1206R Datasheet(PDF) 3 Page - TT Electronics.

Part # APC1206R
Description  Anti-Sulphur Precision Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

APC1206R Datasheet(HTML) 3 Page - TT Electronics.

  APC1206R Datasheet HTML 1Page - TT Electronics. APC1206R Datasheet HTML 2Page - TT Electronics. APC1206R Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Anti-Sulphur Precision Chip
APC Series
08.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Application Notes
APC resistors are ideally suited for handling by automatic methods due to their rectangular shape and the small dimensional
tolerances. Electrical connection to a ceramic substrate or to a printed circuit board can be made by reflow or wave soldering
of wrap-around terminations.
Wrap-around terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the
APC can be immersed in the solder bath for 30 seconds at 260°C. This enables the resistor to be mounted on one side of a
printed circuit board and wire-leaded components applied on the other side.
General Note
TT Electronics reserves the right to make changes in product specifica�on without no�ce or liability.
All informa�on is subject to TT Electronics’ own data and is considered accurate at �me of going to print.
BI Technologies IRC Welwyn
h�ps://www.�electronics.com/resistors
© TT Electronics plc
An�-Sulphur Precision Chip
APC Series
Resistors
Applica�on Notes
APC resistors are ideally suited for handling by automa�c methods due to their rectangular shape and the small dimensional tolerances.
Electrical connec�on to a ceramic substrate or to a printed circuit board can be made by reflow or wave soldering of wrap-around
termina�ons.
Wrap-around termina�ons provide good leach proper�es and ensure reliable contact. Due to the robust construc�on, the PCF can be
immersed in the solder bath for 30 seconds at 260°C. This enables the resistor to be mounted on one side of a printed circuit board and wire-
leaded components applied on the other side.
Ordering Procedure
Example: APC1206AHY-1K54WT5 (1206, an� sulphur grade, high power range, 15ppm/°C, 1.54 kilohms ±0.05%, Pb-free)
Note – See Electrical Data for valid combina�ons of size, sulphur grade and range
A
P
C
1
2
0
6
A H
Y
-
1
K
5
4 W T
5
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Type Size
Sulphur Grade
Range
TCR
Value
Tolerance
Packing
APC 0402
A = AS Range
Omit for Standard T = ±10ppm/°C
E24 / E96
3/4 characters
R = ohms
K = kilohms
M = megohms
W = ±0.05% T10
0402
10,000/reel
0603
R = SR Range
H = High Power
Y = ±15ppm/°C
B = ±0.1%
T5 0603 to 1210 5000/reel
0805
D = ±25ppm/°C
C = ±0.25% T4
2010, 2512
4000/reel
1206
C = ±50ppm/°C
D = ±0.5%
1210
F = ±1%
2010
2512
USE SAME IMAGE AS ON HDSC
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
BI Technologies IRC Welwyn
www.ttelectronics.com/resistors
© TT Electronics plc
06.18
High Pulse Double-Sided
Chip Resistors
HDSC Series
1
2
H D S C 2 5 1 2
- 1 0 K J T 1 8
Thermal Performance Data
Packaging
0603, 0805 and 1206 resistors are supplied on 8mm carrier tape and 2010 and 2512 resistors are supplied on 12 mm carrier tape,
all on 7 inch reels as per IEC 286-3.
ApplicationNotes
HDSC resistors are ideally suited for handling by automatic
methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by reflow
or wave soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
HDSC can be immersed in the solder bath for 30 seconds
at 260°C. This enables the resistor to be mounted on one
side
Ordering Procedure
of a printed circuit board and wire-leaded components
applied on the other side. HDSC is compatible with
typicalPb-freesolderingmaterialsandtemperature
profiles.
HDSC resistors themselves can operate at a maximum
temperature of 155°C. For soldered resistors, the joint
temperature should not exceed 110°C. This condition is met
when the stated power levels at 70°C and recommended pad
and trace areas are used. Pad and trace area is defined as
the total area of the solder pad plus all copper trace within two
squares of the edge of the solder pad. Allowance should be made
if smaller areas of copper are used.
Example: HDSC2512-10KJT18 (HDSC2512, 10 kilohms ±5%, Pb-free)
3
4
5
1
Type
2
Size
3
4
Tolerance
5
Termination & Packing
HDSC 0603
E24 = 3/4 characters
R = ohms
K = kilohms
M = megohms
J = ±5%
Standard Pb-free finish
0805
K = ±10%
T3
0805
3000/reel standard
1206
M = ±20%
1206
2010
2010
2512
T18
2512
1800/reel standard
T1 All sizes
1000/reel available
SnPb finish
PB All sizes Standard quantities as for Pb-free
Thermal Performance Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com