Electronic Components Datasheet Search
  English  ▼

X  

C3703 Datasheet(PDF) 1 Page - TT Electronics.

Part # C3703
Description  2.1mm 2WAY DC SPLITTER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

C3703 Datasheet(HTML) 1 Page - TT Electronics.

  C3703 Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.1mm 2WAY DC SPLITTER CABLE
CABLE POWER: C3703
© TT Electronics plc
ISS.3 26/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
2 Way DC Power Splitter Perfect for CCTV Security Cameras
•
Plug Diameter: inner 2.1mm, 5.5mm outer
•
Enables you to use one power supply for 2 DC Items
Description:
Our Range of 2.1mm splitter cables can be used in conjunction with any of our plug top or desk top power supplies. They
have a 2.1mm socket on the input and terminates with either 2, 4 or 8 connectors according to your selection. These
2.1mm splitter cables enable you to power multiple units from just one power supply.
Specification
Part Number
C3703
Connector
2.1 x 5.5mm
Type
2 way
Length
280mm
Weight
13g
Color
Black


Similar Part No. - C3703

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C370 COILCRAFT-C370 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C370 COILCRAFT-C370 Datasheet
100Kb / 1P
Designer’s Kits
logo
Powerbox
C3700 POWERBOX-C3700 Datasheet
302Kb / 1P
1250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Dubilier
C3700 DUBILIER-C3700 Datasheet
95Kb / 1P
ALKALINE
logo
Hamamatsu Corporation
C3704 HAMAMATSU-C3704 Datasheet
34Kb / 2P
UV TRON DRIVING CIRCUIT
More results

Similar Description - C3703

ManufacturerPart #DatasheetDescription
logo
RFHIC
PD09C2 RFHIC-PD09C2 Datasheet
171Kb / 2P
2Way Power Divider
PD18T2 RFHIC-PD18T2 Datasheet
166Kb / 2P
2Way Power Divider
PD20C2 RFHIC-PD20C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23C2 RFHIC-PD23C2 Datasheet
168Kb / 2P
2Way Power Divider
PD23T2 RFHIC-PD23T2 Datasheet
164Kb / 2P
2Way Power Divider
PD26C2 RFHIC-PD26C2 Datasheet
168Kb / 2P
2Way Power Divider
PD36T2 RFHIC-PD36T2 Datasheet
164Kb / 2P
2Way Power Divider
logo
List of Unclassifed Man...
426013800-3 ETC2-426013800-3 Datasheet
10Kb / 2P
3MM POWER-IN CABLE 2WAY /W DC JACK, 160MM
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
logo
BOWEI Integrated Circui...
HES021-2B BOWEI-HES021-2B Datasheet
85Kb / 1P
2way 0 power combiner/splitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com